Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP73826 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP73826
Description  Single Cell Lithium-Ion Charge Management Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73826 Datasheet(HTML) 3 Page - Microchip Technology

  MCP73826 Datasheet HTML 1Page - Microchip Technology MCP73826 Datasheet HTML 2Page - Microchip Technology MCP73826 Datasheet HTML 3Page - Microchip Technology MCP73826 Datasheet HTML 4Page - Microchip Technology MCP73826 Datasheet HTML 5Page - Microchip Technology MCP73826 Datasheet HTML 6Page - Microchip Technology MCP73826 Datasheet HTML 7Page - Microchip Technology MCP73826 Datasheet HTML 8Page - Microchip Technology MCP73826 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2002 Microchip Technology Inc.
DS21705A-page 3
MCP73826
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings*
VIN ................................................................................... -0.3V to 6.0V
All inputs and outputs w.r.t. GND ................-0.3 to (VIN+0.3)V
Current at VDRV.......................................................... +/-1 mA
Maximum Junction Temperature, T
J.............................. 150°C
Storage temperature .....................................-65°C to +150°C
ESD protection on all pins
..................................................≥ 4kV
*Notice: Stresses above those listed under “Maximum Ratings” may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is
not implied. Exposure to maximum rating conditions for extended peri-
ods may affect device reliability.
PIN FUNCTION TABLE
DC CHARACTERISTICS: MCP73826-4.1, MCP73826-4.2
TEMPERATURE SPECIFICATIONS
Pin
Name
Description
1
SHDN
Logic Shutdown
2
GND
Battery Management
0V Reference
3
VBAT
Cell Voltage Monitor Input
4VDRV
Drive Output
5VIN
Battery Management
Input Supply
6VSNS
Charge Current Sense Input
Unless otherwise specified, all limits apply for VIN = [VREG(typ)+1V], RSENSE = 500 mΩ, TA = -20°C to +85°C.
Typical values are at +25°C. Refer to Figure 1-1 for test circuit.
Parameter
Sym
Min
Typ
Max
Units
Conditions
Supply Voltage
VIN
4.5
5.5
V
Supply Current
IIN
0.5
260
15
560
µA
Shutdown, VSHDN = 0V
Constant Voltage Mode
Voltage Regulation (Constant Voltage Mode)
Regulated Output Voltage
VREG
4.059
4.158
4.1
4.2
4.141
4.242
V
V
MCP73826-4.1 only
MCP73826-4.2 only
Line Regulation
∆VBAT
-10
10
mV
VIN = 4.5V to 5.5V,
IOUT = 75 mA
Load Regulation
∆VBAT
-1
+0.2
1
mV
IOUT = 10 mA to 75 mA
Output Reverse Leakage Current
ILK
—8
µA
VIN=Floating, VBAT=VREG
External MOSFET Gate Drive
Gate Drive Current
IDRV
0.08
1
mA
mA
Sink, CV Mode
Source, CV Mode
Gate Drive Minimum Voltage
VDRV
—1.6
V
Current Regulation (Controlled Current Mode)
Current Sense Gain
ACS
—100
dB
∆(VSNS-VDRV) / ∆VBAT
Current Limit Threshold
VCS
40
53
75
mV
(VIN-VSNS) at IOUT
Foldback Current Scale Factor
K
0.43
A/A
Shutdown Input - SHDN
Input High Voltage Level
VIH
40
%VIN
Input Low Voltage Level
VIL
——
25
%VIN
Input Leakage Current
ILK
——
1
µA
VSHDN = 0V to 5.5V
Unless otherwise specified, all limits apply for VIN = 4.5V-5.5V
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-20
+85
°C
Operating Temperature Range
TA
-40
+125
°C
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 6-Pin SOT-23A
θJA
—230
°C/W
4-Layer JC51-7 Standard
Board, Natural Convection


Similar Part No. - MCP73826

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826 Datasheet
425Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
01/18/02
MCP73826-4.1VCHTR MICROCHIP-MCP73826-4.1VCHTR Datasheet
425Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
01/18/02
MCP73826-4.2VCHTR MICROCHIP-MCP73826-4.2VCHTR Datasheet
425Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
01/18/02
MCP73826-42VCHTR MICROCHIP-MCP73826-42VCHTR Datasheet
425Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
01/18/02
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
11/29/12
More results

Similar Description - MCP73826

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73826 MICROCHIP-MCP73826_13 Datasheet
410Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
11/29/12
MCP73826-42VCHTR MICROCHIP-MCP73826-42VCHTR Datasheet
425Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller
01/18/02
logo
ON Semiconductor
NCP1800 ONSEMI-NCP1800_04 Datasheet
93Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
November, 2004 ??Rev. 5
NCP1800 ONSEMI-NCP1800 Datasheet
87Kb / 14P
   Single-Cell Lithium Ion Battery Charge Controller
May, 2003 - Rev. 4
logo
Shenzhen Huazhimei Semi...
HM4088 HMSEMI-HM4088 Datasheet
489Kb / 12P
   Switched single-cell, two-cell lithium-ion/lithium polymer charge management chip
logo
Microchip Technology
MCP73827 MICROCHIP-MCP73827 Datasheet
283Kb / 20P
   Single Cell Lithium-Ion Charge Management Controller with Mode Indicator and Charge Current Monitor
2007
MCP73828 MICROCHIP-MCP73828 Datasheet
499Kb / 24P
   Single Cell Lithium-Ion Charge Management Controller with Charge Complete Indicator and Temperature Monitor
2002
MCP73841 MICROCHIP-MCP73841_13 Datasheet
416Kb / 26P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
1/29/12 2003-2013
logo
Shenzhen Huazhimei Semi...
HM4203 HMSEMI-HM4203 Datasheet
1Mb / 8P
   single-cell lithium-ion battery charge
logo
Microchip Technology
MCP73841 MICROCHIP-MCP73841 Datasheet
414Kb / 24P
   Advanced Single or Dual Cell Lithium-Ion/ Lithium-Polymer Charge Management Controllers
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com