Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC128S102QML-SP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC128S102QML-SP
Description  Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102QML-SP Datasheet(HTML) 1 Page - Texas Instruments

  ADC128S102QML-SP Datasheet HTML 1Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 2Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 3Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 4Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 5Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 6Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 7Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 8Page - Texas Instruments ADC128S102QML-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
IN0
IN7
MUX
T/H
ADC128S102
SCLK
VA
AGND
DGND
VD
CS
DIN
DOUT
CONTROL
LOGIC
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
.
.
.
AGND
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ADC128S102QML-SP
SNAS411P – AUGUST 2008 – REVISED APRIL 2017
ADC128S102QML-SP Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D
Converter
1
1 Features
1
5962R07227
Total Ionizing Dose 100 krad(Si)
Single Event Latch-Up Immune 120 MeV-
cm2/mg
Single Event Functional Interrupt Immune 120
MeV-cm2/mg
(See Radiation Report)
Eight Input Channels
Variable Power Management
Independent Analog and Digital Supplies
SPI™/QSPI™/MICROWIRE™/DSP Compatible
Packaged in 16-Lead Ceramic SOIC
Key Specifications
Conversion Rate: 50 kSPS to 1 MSPS
DNL (VA = VD = 5 V): +1.5 / −0.9 LSB
(Maximum)
INL (VA = VD = 5 V): +1.4 / −1.25 LSB
(Maximum)
Power Consumption
3-V Supply: 2.3 mW (Typical)
5-V Supply: 10.7 mW (Typical)
2 Applications
Satellites
Attitude and Orbit Control
Precision Sensors
Motor Control
High Temperature
Medical Systems
Accelerators
3 Description
The ADC128S102 device is a low-power, eight-
channel CMOS 12-bit analog-to-digital converter
specified for conversion throughput rates of 50 kSPS
to 1 MSPS. The converter is based on a successive-
approximation register architecture with an internal
track-and-hold circuit. The device can be configured
to accept up to eight input signals at inputs IN0
through IN7.
The output serial data is straight binary and is
compatible with several standards, such as SPI,
QSPI, MICROWIRE, and many common DSP serial
interfaces.
The ADC128S102 may be operated with independent
analog and digital supplies. The analog supply (VA)
can range from 2.7 V to 5.25 V, and the digital supply
(VD) can range from 2.7 V to VA. Normal power
consumption using a 3-V or 5-V supply is 2.3 mW
and 10.7 mW, respectively. The power-down feature
reduces the power consumption to 0.06 µW using a
3-V supply and 0.25 µW using a 5-V supply.
Device Information(1)
PART NUMBER
GRADE
PACKAGE
ADC128S102WGRQV
5962R0722701VZA
100 krad
16-lead ceramic SOIC
ADC128S102WRQV
5962R0722701VFA
100 krad
16-lead ceramic flatpack
ADC128S102-MDR
5962R0722701V9A
100 krad
Die
ADC128S102WGMPR
Pre-Flight
Engineering
Prototype
16-lead ceramic SOIC
ADC128S102CVAL
Ceramic Evaluation
Board
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Block Diagram


Similar Part No. - ADC128S102QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
803Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel CONVERTER
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP_16 Datasheet
803Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel CONVERTER
ADC128S102QML-SP TI1-ADC128S102QML-SP_17 Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
More results

Similar Description - ADC128S102QML-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S102QML-SP TI1-ADC128S102QML-SP_17 Datasheet
799Kb / 32P
[Old version datasheet]   Radiation Hardened 8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102QML NSC-ADC128S102QML Datasheet
526Kb / 22P
   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S102 NSC-ADC128S102 Datasheet
852Kb / 18P
   8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S102-SEP TI-ADC128S102-SEP_V01 Datasheet
1Mb / 32P
[Old version datasheet]   ADC128S102-SEP Radiation-Tolerant, 8-Channel, 50-kSPS to 1-MSPS, 12-Bit ADC
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com