Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC08D1520WGMPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADC08D1520WGMPR
Description  Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08D1520WGMPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC08D1520WGMPR Datasheet HTML 3Page - Texas Instruments ADC08D1520WGMPR Datasheet HTML 4Page - Texas Instruments ADC08D1520WGMPR Datasheet HTML 5Page - Texas Instruments ADC08D1520WGMPR Datasheet HTML 6Page - Texas Instruments ADC08D1520WGMPR Datasheet HTML 7Page - Texas Instruments ADC08D1520WGMPR Datasheet HTML 8Page - Texas Instruments ADC08D1520WGMPR Datasheet HTML 9Page - Texas Instruments ADC08D1520WGMPR Datasheet HTML 10Page - Texas Instruments ADC08D1520WGMPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
VDR
DR GND
+
-
+
-
ADC08D1520QML-SP
www.ti.com
SNAS420O – JANUARY 2008 – REVISED MARCH 2013
Pin Descriptions and Equivalent Circuits (continued)
Pin Functions
Pin No.
Symbol
Equivalent Circuit
Description
83 / 78
DI7
− / DQ7−
84 / 77
DI7+ / DQ7+
85 / 76
DI6
− / DQ6−
86 / 75
DI6+ / DQ6+
89 / 72
DI5
− / DQ5−
90 / 71
DI5+ / DQ5+
I- and Q- channel LVDS Data Outputs that are not delayed in
91 / 70
DI4
− / DQ4−
the output demultiplexer. Compared with the DId and DQd
92 / 69
DI4+ / DQ4+
outputs, these outputs represent the later time samples.
93 / 68
DI3
− / DQ3−
These outputs should always be terminated with a 100
94 / 67
DI3+ / DQ3+
differential resistor.
95 / 66
DI2
− / DQ2−
96 / 65
DI2+ / DQ2+
100 / 61
DI1
− / DQ1−
101 / 60
DI1+ / DQ1+
102 / 59
DI0
− / DQ0−
103 / 58
DI0+ / DQ0+
104 / 57
DId7
− / DQd7−
105 / 56
DId7+ / DQd7+
106 / 55
DId6
− / DQd6−
107 / 54
DId6+ / DQd6+
111 / 50
DId5
− / DQd5−
I- and Q- channel LVDS Data Outputs that are delayed by
112 / 49
DId5+ / DQd5+
one CLK cycle in the output demultiplexer. Compared with the
113 / 48
DId4
− / DQd4−
DI and DQ outputs, these outputs represent the earlier time
114 / 47
DId4+ / DQd4+
sample. These outputs should always be terminated with a
115 / 46
DId3
− / DQd3−
100
Ω differential resistor. In Non Demux Mode, these outputs
116 / 45
DId3+ / DQd3+
are disabled and are high impedance. When disabled, these
117 / 44
DId2
− / DQd2−
outputs must be left floating.
118 / 43
DId2+ / DQd2+
122 / 39
DId1
− / DQd1−
123 / 38
DId1+ / DQd1+
124 / 37
DId0
− / DQd0−
125 / 36
DId0+ / DQd0+
Out Of Range output. A differential high at these pins
indicates that the differential input is out of range ±VIN/2 as
79
OR+/DCLK2+
programmed by the FSR pin in Non-Extended Control Mode
80
OR-/DCLK2-
or the Input Full-Scale Voltage Adjust register setting in the
Extended Control Mode). DCLK2 is the exact mirror of DCLK
and should output the same signal at the same rate.
Data Clock. Differential Clock outputs used to latch the output
data. Delayed and non-delayed data outputs are supplied
synchronous to this signal. In 1:2 Demultiplexed Mode, this
signal is at 1/2 the input clock rate in SDR Mode and at 1/4
the input clock rate in the DDR Mode. By default, the DCLK
outputs are not active during the termination resistor trim
section of the calibration cycle. If a system requires DCLK to
run continuously during a calibration cycle, the termination
81
DCLK-
resistor trim portion of the cycle can be disabled by setting
82
DCLK+
the Resistor Trim Disable (RTD) bit to logic high in the
Extended Configuration Register (address 9h). This disables
all subsequent termination resistor trims after the initial trim
which occurs during the power on calibration. Therefore, this
output is not recommended as a system clock unless the
resistor trim is disabled. When the device is in the Non-
Demultiplexed Mode, DCLK can only be in DDR Mode and
the signal is at 1/2 the input clock rate.
2, 5, 8, 13,
16, 17, 20,
VA
Analog power supply pins. Bypass these pins to ground.
25, 28, 33,
128
40, 51, 62,
Output Driver power supply pins. Bypass these pins to DR
73, 88, 99,
VDR
GND.
110, 121
1, 6, 9, 12,
GND
Ground return for VA.
21, 24, 27
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC08D1520QML-SP


Similar Part No. - ADC08D1520WGMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC08D1520WGMPR TI-ADC08D1520WGMPR Datasheet
1Mb / 59P
[Old version datasheet]   ADC08D1520QML Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
More results

Similar Description - ADC08D1520WGMPR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08D1520QML NSC-ADC08D1520QML Datasheet
1Mb / 46P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520_09 Datasheet
847Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520 Datasheet
781Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
logo
Texas Instruments
ADC08D1520QML-SP TI-ADC08D1520QML-SP Datasheet
1Mb / 59P
[Old version datasheet]   ADC08D1520QML Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC07D1520 TI1-ADC07D1520 Datasheet
758Kb / 53P
[Old version datasheet]   Low Power, 7-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC07D1520 TI1-ADC07D1520_12 Datasheet
732Kb / 52P
[Old version datasheet]   Low Power, 7-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1020 NSC-ADC08D1020 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_08 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_09 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
logo
Texas Instruments
ADC10D1000 TI1-ADC10D1000 Datasheet
1Mb / 82P
[Old version datasheet]   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com