Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KTC4075 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part No. KTC4075
Description  NPN Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BILIN [Galaxy Semi-Conductor Holdings Limited]
Homepage  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

KTC4075 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  KTC4075 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited KTC4075 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited KTC4075 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited KTC4075 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Production specification
NPN Silicon Epitaxial Planar Transistor
KTC4075
C112
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
60
V
Collector-emitter breakdown voltage V(BR)CEO
IC=1mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
hFE
VCE=6V,IC=2mA
70
700
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB=10mA
0.1
0.25
V
Transition frequency
fT
VCE=10V, IC= 1mA
80
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
2.0
3.5
pF
Noise Figure
NF
VCE=6V,IC=0.1mA,
f=1kHz,Rg=10kΩ
1.0
10
dB
CLASSIFICATION OF hFE
Rank
O
Y
GR
BL
Range
70-140
120-240
200-400
350-700
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn