Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS350-25Y Datasheet(PDF) 3 Page - Total Power International

Part # TPS350-25Y
Description  TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS350-25Y Datasheet(HTML) 3 Page - Total Power International

  TPS350-25Y Datasheet HTML 1Page - Total Power International TPS350-25Y Datasheet HTML 2Page - Total Power International TPS350-25Y Datasheet HTML 3Page - Total Power International TPS350-25Y Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PPS350
SWITCHING MODE 350W U CHANNEL POWER SUPPLIES
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
TRIPLE OUTPUT MODEL SELECTION CHART
+3.3V
±
10% Typical
35A
40.3A
3.5A
±
5%
±
1.5%
+ 5 V
Fixed
20A
23A
2A
±
5%
±
1%
TPS350-39
+12V
Fixed
7A
8A
0.7A
±
10%
±
1%
400W Typical
QUAD OUTPUT MODEL SELECTION CHART
+ 5V
±
10% Typical
35A
40.3A
3.5A
±
5%
±
1%
+12V
Fixed
12A
13.8A
1.2A
±
5%
±
1%
- 5 V
Fixed
3.5A
4A
0.35A
±
10%
±
1%
TPS350-40
- 12V
±
5% Typical
2A
2.3A
0.2A
±
5%
±
1%
400W Typical
+ 5V
±
10% Typical
35A
40.3A
3.5A
±
5%
±
1%
+12V
Fixed
10A
11.5A
1A
±
5%
±
1%
- 5 V
Fixed
4A
4.6A
0.4A
±
10%
±
1%
TPS350-41
- 12V
±
5% Typical
3A
3.5A
0.3A
±
5%
±
1%
400W Typical
+ 5V
±
10% Typical
35A
40.3A
3.5A
±
5%
±
1%
+12V
Fixed
7A
8.1A
0.7A
±
5%
±
1%
+15V
Fixed
3A
4.5A
0.3A
±
10%
±
1%
TPS350-42
- 15V
±
5% Typical
3A
3.5A
0.3A
±
5%
±
1%
400W Typical
+ 5V
±
10% Typical
25A
28.8A
2.5A
±
5%
±
1%
+12V
Fixed
4A
4.6A
0.4A
±
5%
±
1%
- 12V
Fixed
2.5A
2.9A
0.25A
±
10%
±
1%
TPS350-43
+24V
±
5% Typical
6.5A
7.5A
0.65A
±
5%
±
1%
400W Typical
+ 5V
±
10% Typical
25A
28.8A
2.5A
±
5%
±
1%
+12V
Fixed
4 A
4.6A
0.4A
±
5%
±
1%
- 12V
Fixed
3 A
3.5A
0.3A
±
10%
±
1%
TPS350-44
+48V
±
5% Typical
4 A
4.6A
0.4A
±
5%
±
1%
400W Typical
+5V
±
10% Typical
25A
28.8A
2.5A
±
5%
±
1%
+12V
Fixed
11A
12.7A
1.1A
±
5%
±
1%
-12V
Fixed
2.5A
2.9A
0.25A
±
10%
±
1%
TPS350-45
+24V
±
5% Typical
3.5A
4A
0.35A
±
5%
±
1%
400W Typical
+ 5V
±
10% Typical
35A
40.3A
3.5A
±
5%
±
1%
+12V
Fixed
3 A
3.5A
0.3A
±
5%
±
1%
- 5 V
Fixed
6 A
6.9A
0.6A
±
10%
±
1%
TPS350-46
+48V
±
5% Typical
2.5A
2.9A
0.25A
±
5%
±
1%
400W Typical
+ 5V
±
10% Typical
30A
34.5A
3A
±
5%
±
1%
+15V
Fixed
1.5A
4A
0.15A
±
5%
±
1%
- 15V
Fixed
1.5A
4A
0.15A
±
10%
±
1%
TPS350-47Y
+48V
±
5% Typical
4 A
4.6A
0.4A
±
5%
±
1%
400W Typical
+ 5V
±
10% Typical
25 A
28.8A
2.5A
±
5%
±
1%
+24V
Fixed
2A
5.8A
0.2A
±
5%
±
1%
- 12V
Fixed
2A
5.2A
0.2A
±
10%
±
1%
TPS350-48Y
+48V
±
5% Typical
4A
7.5A
0.4A
±
5%
±
1%
400W Typical
+3.3V
±
10% Typical
35A
40.3A
3.5A
±
5%
±
1.5%
+ 5 V
Fixed
20A
23A
2A
±
5%
±
1%
+12V
Fixed
6 A
6.9A
0.6A
±
10%
±
1%
TPS350-49
- 12V
±
5% Typical
6 A
6.9A
0.6A
±
5%
±
1%
400W Typical
NOTES: 1) Peak loads for lasting <30 seconds with a maximum 10% duty cycle are acceptable. Please contact us if need special peak load.
2) Maximum peak to peak noise expressed as a percentage of output voltage, 20MHz bandwidth, input not less nominal line, 0.1μF and 47μF Cap. on outputs.
3) Loading test conditions are set for all outputs at minimum, middle and maximum of loads. Special cross loading requirement is welcomed.
4) Detailed engineering specification of each model is available for inquiry.
5) Special output voltage/current inquiry is welcomed.
6) Specifications subject to change without notice.
7) 25% derated if 24 VDC input version; 50% derated if 12 VDC input version; 25% derated if additional cover.
TOTAL POWER, INC.
TEL:877-646-0900
FAX:978-453-7395
E-mail:sales@total-power.com
http://www.total-power.com
-3-
TOTAL POWER


Similar Part No. - TPS350-25Y

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS350-25Y TOTAL-POWER-TPS350-25Y Datasheet
1Mb / 4P
   SWITCHING MODE 350W U CHANNEL POWER SUPPLIES
TPS350-25Y TOTAL-POWER-TPS350-25Y Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
More results

Similar Description - TPS350-25Y

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPS-300 TOTAL-POWER-TPS-300 Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
TPS350 TOTAL-POWER-TPS350 Datasheet
1Mb / 4P
   SWITCHING MODE 350W U CHANNEL POWER SUPPLIES
TPS180 TOTAL-POWER-TPS180 Datasheet
942Kb / 4P
   SWITCHING MODE 180W U CHANNEL POWER SUPPLY
TPS-180P TOTAL-POWER-TPS-180P Datasheet
948Kb / 4P
   TPS180 SWITCHING MODE 180W U CHANNEL POWER SUPPLY
logo
Mean Well Enterprises C...
NES-350 MEANWELL-NES-350 Datasheet
279Kb / 2P
   350W Single Output Switching Power Supply
S-350 MEANWELL-S-350 Datasheet
233Kb / 2P
   350W Single Output Switching Power Supply
SE-350 MEANWELL-SE-350 Datasheet
281Kb / 2P
   350W Single Output Switching Power Supply
SE-350 MEANWELL-SE-350_12 Datasheet
281Kb / 2P
   350W Single Output Switching Power Supply
LRS-350 MEANWELL-LRS-350 Datasheet
85Kb / 4P
   350W Single Output Switching Power Supply
NES-350 MEANWELL-NES-350_12 Datasheet
281Kb / 2P
   350W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com