Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS32FV100FV Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NS32FV100FV
Description  System Controller
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NS32FV100FV Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button NS32FV100FV Datasheet HTML 5Page - National Semiconductor (TI) NS32FV100FV Datasheet HTML 6Page - National Semiconductor (TI) NS32FV100FV Datasheet HTML 7Page - National Semiconductor (TI) NS32FV100FV Datasheet HTML 8Page - National Semiconductor (TI) NS32FV100FV Datasheet HTML 9Page - National Semiconductor (TI) NS32FV100FV Datasheet HTML 10Page - National Semiconductor (TI) NS32FV100FV Datasheet HTML 11Page - National Semiconductor (TI) NS32FV100FV Datasheet HTML 12Page - National Semiconductor (TI) NS32FV100FV Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
10 Fax-System Configuration (Continued)
power-fail input is asynchronous It is recognized by the
NS32FX100 during cycles in which the input setup-time re-
quirement is satisfied
Switching from Normal mode to Power Save mode and vice
versa must always be carried out using the NS32FX100
explicitly The clock scaling option of the CPU should not be
used for this purpose
131 Functionality
State S1 Normal Mode
The system operates at the full
clock frequency The NS32FX100 is powered by the main
power supply Software can switch the system to state S7
Power Save Mode
The NS32FX100 switches to state S2 Power Fail when
PFAIL is asserted
State S2 Power Fail
In this state the CPU enters an NMI
handler in which the software performs all the bookkeeping
required for recovery and switches to full clock frequency
The software should write H’80 to MCFG Once finished
the software activates the WATCHDOG trap output signal
which asserts the RST input of the CPU by writing three
times to the WATCHDOG
When both PFAIL and RST are active the NS32FX100 and
the RAM must be powered from a battery The CPU can be
powered down
When RST is detected the system chip goes from S2 to
one of the following states
State S3 if DRAM refresh is enabled (only in NS32FV100
and NS32FX200)
State S5 if no DRAM refresh is needed (NS32FX100al-
ways)
State S3 Complete Refresh Transaction
If RST is de-
tected while refresh is enabled in state S2 a refresh trans-
action is performed The system chip then switches to state
S4
State S4 Freeze and Refresh
In this state the system
chip de-activates the fast crystal oscillator and freezes the
CCLK clock Only the Elapsed Time Counter and the DRAM
refresh generator are functional
When the ETC count reaches zero the state machine
switches to state S5 and refresh transactions are stopped
Thus the contents of the DRAM can be kept for a prede-
fined period (software programmable) If the power failure
lasts longer than this period the system should disconnect
the DRAM and leave only the ETC and possibly an SRAM
device connected to the battery
If PFAIL goes high the state machine switches to state S6
Power Restore
State S5 FreezeNo Refresh
In this state only the ETC
counter is activecounting the duration of the power fail-
ure In this state the NS32FX100 functions with a supply
voltage as low as 3V
If PFAIL goes high the state machine switches to state S6
Power Restore
State S6 Power Restore
This state can be entered either
from Freeze Mode or during normal operation when reset is
asserted When entering from Freeze Mode (PFAIL goes
high) RST is kept low for a few milliseconds by an external
circuit During this time the fast crystal oscillator is activated
and the CPU and NS32FX100 clocks are synchronized
If refresh is enabled the system chip will initiate refresh
transactions during this timethe refresh rate is forced to a
default value
When RST goes high the NS32FX100 switches to state S7
Power Save Mode
State S7 Power Save Mode
The CPU runs at a slow fre-
quency116 of the Normal Mode frequency
The system can swtich to S1 Normal Mode under software
control
If PFAIL input is asserted the NS32FX100 switches to state
S2 Power Fail
TLEE11331 – 5
FIGURE 1-5 System Chip States and Operation Modes
9


Similar Part No. - NS32FV100FV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NS32FV100 TI1-NS32FV100 Datasheet
1Mb / 96P
[Old version datasheet]   NS32FX100 NS32FV100 NS32FX200 System Controller
NS32FV100-20 TI1-NS32FV100-20 Datasheet
1Mb / 96P
[Old version datasheet]   NS32FX100 NS32FV100 NS32FX200 System Controller
NS32FV100-25 TI1-NS32FV100-25 Datasheet
1Mb / 96P
[Old version datasheet]   NS32FX100 NS32FV100 NS32FX200 System Controller
More results

Similar Description - NS32FV100FV

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5114 XICOR-X5114 Datasheet
565Kb / 40P
   System Controller
logo
UMC Corporation
UM82C381 UMC-UM82C381 Datasheet
615Kb / 9P
   SYSTEM CONTROLLER
logo
Advanced Micro Devices
AMD-762 AMD-AMD-762 Datasheet
2Mb / 122P
   System Controller
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
   System Bus Controller
logo
Maxim Integrated Produc...
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
logo
PMC-Sierra, Inc
PM8172 PMC-PM8172 Datasheet
43Kb / 2P
   PM8172 System Controller
logo
SMSC Corporation
83C795 SMSC-83C795 Datasheet
2Mb / 136P
   Ethernet System Controller
logo
List of Unclassifed Man...
CY525 ETC1-CY525 Datasheet
1Mb / 107P
   Stepper System Controller
logo
Advanced Micro Devices
AM9513A AMD-AM9513A Datasheet
2Mb / 39P
   SYSTEM TIMING CONTROLLER
logo
Dallas Semiconductor
DS1673 DALLAS-DS1673 Datasheet
216Kb / 20P
   Portable System Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com