Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIUU151-110 Datasheet(PDF) 1 Page - Total Power International

Part # TPIUU151-110
Description  Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPIUU151-110 Datasheet(HTML) 1 Page - Total Power International

  TPIUU151-110 Datasheet HTML 1Page - Total Power International TPIUU151-110 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Application:
SafetyApprovals:
ElectricalCharacteristics:
Environmental
To
Operating Temperature
Ts
Storage Temperature
Hr
Ho
StorageHumidity
OperatingHumidity
Pd
Deratelinearlyfrom100%loadat50°Cto50%loadat70°C
MTBF
OperatingTemperatureat25 C
alculatedperMIL-HDBK-217F
,
°
-40~85°C
0~95%
0~95%
0.1MHrs(min.)
Seederatingcurve
Vin
Safety ApprovalsInputVoltageRange
OperateVoltageRange
100~240VAC
90~260VAC
fin
Po
Vo
Io
Iil
Iih
Ir
InputFrequency
OutputPowerRange
Seeratingchart
Seeratingchart
Seeratingchart
OutputVoltageRange
OutputCurrentRange
InputCurrent(LowLine)
Io=Fullload,Vin=100VAC
Io=Fullload,Vin=240VAC
Io=Fullload,25 C,Coolstart,Vin=115VAC
°
Io=Fullload,25°C,Coolstart,Vin=230VAC
InputCurrent(HighLine)
LowLineInrushCurrent
HighLineInrushCurrent
2.0A (max.)
2.0A (max.)
47~63Hz
54A (max.)
108A (max.)
85~90%
Eff
REG-i
REG-o
OVP
OCP
Ttr
Th
Ts
Vp-p
Ilk
TC
Io=FullLoad,Vin=230VAC
Io=FullLoad
Vin=230VAC
OverCurrentProtection
OverVoltageProtection
Io=FullLoad,Vin=110VAC
Io=FullLoad,Vin=100VAC
FullLoad,Vin=90VAC
Io=FullLoadtoHalfLoad,Vin=100VAC
Vin=240VAC/60Hz
Alloutput
Efficiency
LineRegulation
LoadRegulation
OverVoltageProtection
OverCurrentProtection
TimeofTransientResponse
Hold-UpTime
StartUpTime
TemperatureCoefficient
Ripple&Noise(PeaktoPeak)
SafetyGroundLeakageCurrent
±0.04%/°C
3S (max.)
16mS (min.)
0.5~1%
0.75mA (max.)
1% (max.)
2~5%
112~132%
110~150%
4mS(max.)
Pno
Seeratingchart
Noload,Vin=230VAC
No-LoadPowerConsumption
Vps
4242VDC (min.)
Primarytosecondary
DielectricWithstandingVoltage
forPrimarytosecondary
Vpg
Ris
2837VDC (min.)
PrimarytoPE
TestVoltage=500VDC
DielectricWithstandingVoltage
forPrimarytoPE
IsolationResistance
50M
(min.)
PF
PowerFactorCorrection
0.95~1
Io=Fullload,Vin=240VAC
-IndustrialPC
-Electrical Test&Measurement
Instruments
-Communicationequipment
- AVequipment
Features:
WideOperatingVoltage90to260VAC,47to63Hz
InternalEMIfilter
SingleOutput
ActivePowerFactorCorrection
PowerFailDetect(Optional)
SynchronousRectification
Operatingtemperature-20~70°C
ClassI
3yearwarranty
TPIUU151 SERIES
150WUBracketType
IndustrialPowerSupplies
C B
RoHS
2002/95/EC
COMPLIANT
BAUART
TYPE
APPROVED
GEPRUFT
UL/c-UL(UL 60950-1:2ndEdition)
TUV/GS(EN60950-1:2ndEdition)
Tota
Total Power International, Inc.
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - TPIUU151-110

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPIUU150-104 TOTAL-POWER-TPIUU150-104 Datasheet
276Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU150-105 TOTAL-POWER-TPIUU150-105 Datasheet
276Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU150-106 TOTAL-POWER-TPIUU150-106 Datasheet
276Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU150-107 TOTAL-POWER-TPIUU150-107 Datasheet
276Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU150-108 TOTAL-POWER-TPIUU150-108 Datasheet
276Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
More results

Similar Description - TPIUU151-110

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPIUU-80 TOTAL-POWER-TPIUU-80 Datasheet
273Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-81 TOTAL-POWER-TPIUU-81 Datasheet
267Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-150 TOTAL-POWER-TPIUU-150 Datasheet
276Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-101 TOTAL-POWER-TPIBU-101 Datasheet
284Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-120 TOTAL-POWER-TPIUU-120 Datasheet
1Mb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-250 TOTAL-POWER-TPIUU-250 Datasheet
368Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-100 TOTAL-POWER-TPIBU-100 Datasheet
292Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-120 TOTAL-POWER-TPIBU-120 Datasheet
545Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-150 TOTAL-POWER-TPIBU-150 Datasheet
283Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-180 TOTAL-POWER-TPIUU-180 Datasheet
482Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPSBU-100 TOTAL-POWER-TPSBU-100 Datasheet
294Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com