Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH-ETD54-1S-22P-TZ Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # CPH-ETD54-1S-22P-TZ
Description  Coil former, termoplastic, horizontal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CPH-ETD54-1S-22P-TZ Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  CPH-ETD54-1S-22P-TZ Datasheet HTML 1Page - Ferroxcube International Holding B.V. CPH-ETD54-1S-22P-TZ Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ETD54/28/19
Core
Product specifications
Power loss: 3C97
Measuring conditions
Unit
Max
100 kHz
W/set
17.000
200 mT
120 ºC
100 kHz
W/set
21.000
200 mT
140 ºC
Power loss: 3F36
Measuring conditions
Unit
Max
500 kHz
W/set
6.800
50 mT
100 ºC
500 kHz
W/set
47.000
100 mT
100 ºC
Bsat
Measuring conditions
Min
Material
Unit
25 kHz
mT
320
250 A/m
100 ºC
3C94
25 kHz
mT
330
250 A/m
100 ºC
3C95
25 kHz
mT
330
250 A/m
100 ºC
3C97
25 kHz
mT
340
250 A/m
100 ºC
3F36
Description
Accessories
Ordering code
Ordering name
CLI-ETD54
432202100681
Clip
CPH-ETD54-1S-22P
432202100671
Coil former, termoplastic, horizontal
CPH-ETD54-1S-22P-TZ
432202106701
Coil former, termoplastic, horizontal
2016


Similar Part No. - CPH-ETD54-1S-22P-TZ

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CPH-ETD54-1S-22P-TZ FERROXCUBE-CPH-ETD54-1S-22P-TZ Datasheet
9Kb / 1P
   ETD cores and accessories
CPH-ETD54-1S-22P-TZ FERROXCUBE-CPH-ETD54-1S-22P-TZ Datasheet
76Kb / 2P
   Dimensions for product: ETD54/28/19
More results

Similar Description - CPH-ETD54-1S-22P-TZ

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CPH-U15-11-6-2S-4P FERROXCUBE-CPH-U15-11-6-2S-4P Datasheet
71Kb / 2P
   Coil former, termoplastic, horizontal
CPH-EFD12-1S-8P-Z FERROXCUBE-CPH-EFD12-1S-8P-Z_17 Datasheet
76Kb / 2P
   Coil former, termoplastic, horizontal
CPH-ETD59-1S-24P FERROXCUBE-CPH-ETD59-1S-24P_17 Datasheet
75Kb / 2P
   Coil former, termoplastic, horizontal
CPH-E42-20-1S-12PD-Z FERROXCUBE-CPH-E42-20-1S-12PD-Z Datasheet
74Kb / 2P
   Coil former, termoplastic, horizontal
CPH-EFD15-1S-8PD-Z FERROXCUBE-CPH-EFD15-1S-8PD-Z_17 Datasheet
77Kb / 2P
   Coil former, termoplastic, horizontal
CPH-ETD34-1S-14P FERROXCUBE-CPH-ETD34-1S-14P_17 Datasheet
76Kb / 2P
   Coil former, termoplastic, horizontal
CPH-ETD39-1S-16P FERROXCUBE-CPH-ETD39-1S-16P_17 Datasheet
76Kb / 2P
   Coil former, termoplastic, horizontal
CPH-ETD49-1S-20P-C FERROXCUBE-CPH-ETD49-1S-20P-C Datasheet
75Kb / 2P
   Coil former, termoplastic, horizontal
CPH-E41-12-1S-12PD-Z FERROXCUBE-CPH-E41-12-1S-12PD-Z Datasheet
76Kb / 2P
   Coil former, termoplastic, horizontal
CPH-ETD39-1S-16P-C FERROXCUBE-CPH-ETD39-1S-16P-C Datasheet
76Kb / 2P
   Coil former, termoplastic, horizontal
CPH-ETD29-1S-13P FERROXCUBE-CPH-ETD29-1S-13P_17 Datasheet
76Kb / 2P
   Coil former, termoplastic, horizontal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com