Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRM48AH480X200A00 Datasheet(PDF) 11 Page - Vicor Corporation

Part # PRM48AH480X200A00
Description  Pin selectable operating mode
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48AH480X200A00 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button PRM48AH480X200A00 Datasheet HTML 7Page - Vicor Corporation PRM48AH480X200A00 Datasheet HTML 8Page - Vicor Corporation PRM48AH480X200A00 Datasheet HTML 9Page - Vicor Corporation PRM48AH480X200A00 Datasheet HTML 10Page - Vicor Corporation PRM48AH480X200A00 Datasheet HTML 11Page - Vicor Corporation PRM48AH480X200A00 Datasheet HTML 12Page - Vicor Corporation PRM48AH480X200A00 Datasheet HTML 13Page - Vicor Corporation PRM48AH480X200A00 Datasheet HTML 14Page - Vicor Corporation PRM48AH480X200A00 Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Rev 1.5
PRMTM Regulator
Page 11 of 42
11/2015
vicorpower.com
800 927.9474
PRM48AH480x200A00
Signal Specifications (cont.)
Specifications apply over all line and load conditions, TINT = 25ºC and output voltage from 20.0 V to 55.0 V, unless otherwise noted.
Boldface specifications apply over the temperature range of -40ºC < TINT < 125ºC (T-grade).
TRIM (Adaptive Loop Operation Only)
• Provides dynamic trim control over the PRM output voltage in Adaptive Loop Operation
• Sampled prior to every start up to detect if trim is active or inactive
• Output voltage is equal to 20 times the voltage at the TRIM pin when applied TRIM voltage is within the active range
• Trim state is detected during normal operation and cannot be changed until start up is initiated
Signal Type
State
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Trim Enable Threshold
VTRIM_EN
Pull below this value during
3.10
V
start up to enable trim control
Trim Disable Threshold
VTRIM_DIS
Pull above this value during
start up to disable trim control
3.20
V
Start up
Minimum Trim Disable
RTRIM_DIS_MIN
Minimum TRIM resistance required
10
M
Resistance
to disable trim
Trim Capacitance
CTRIM_EXT
100
pF
(External)
Trim Sample Delay
tENABLE_TRIM
From ENABLE high to TRIM sampled
100
140
200
µs
Analog Input
TRIM Pin
VTRIM_RANGE
See Figure 26
1.00
2.75
V
Analog Range
TRIM Gain
GTRIM
VOUT / VTRIM,
20
V / V
VTRIM applied within active range
Normal
Trim Accuracy
%ACC_TRIM
Vout accuracy, exclusive of
Operation
external resistor tolerance
0.5
2.0
%
VOUT Referred
VOUT_RES
200
mV
Trim Resolution
Trim Latency
tTRIM_LAT
60
120
240
µs
Trim Bandwidth
BWTRIM
-3dB point
1.2
kHz


Similar Part No. - PRM48AH480X200A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48AH480M200A00 VICOR-PRM48AH480M200A00 Datasheet
1Mb / 44P
   PRM??Regulator
PRM48AH480M200A00 VICOR-PRM48AH480M200A00 Datasheet
3Mb / 42P
   High Efficiency Converter
PRM48AH480T200A00 VICOR-PRM48AH480T200A00 Datasheet
1Mb / 44P
   PRM??Regulator
PRM48AH480T200A00 VICOR-PRM48AH480T200A00 Datasheet
3Mb / 42P
   High Efficiency Converter
PRM48AH480T200A00 VICOR-PRM48AH480T200A00_15 Datasheet
3Mb / 42P
   High Efficiency Converter
More results

Similar Description - PRM48AH480X200A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48JH480X250A00 VICOR-PRM48JH480X250A00 Datasheet
2Mb / 44P
   Pin selectable operating mode
logo
Maxim Integrated Produc...
MAX6371KA MAXIM-MAX6371KA Datasheet
440Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
MAX6369 MAXIM-MAX6369_10 Datasheet
288Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 4; 6/10
MAX6369 MAXIM-MAX6369_11 Datasheet
123Kb / 10P
   Pin-Selectable Watchdog Timers
Rev 5; 1/11
MAX6369 MAXIM-MAX6369 Datasheet
114Kb / 8P
   Pin-Selectable Watchdog Timers
Rev 2; 2/03
logo
Nuvoton Technology Corp...
NAU8315 NUVOTON-NAU8315 Datasheet
1Mb / 43P
   Pin Selectable Gain Setting
logo
Maxim Integrated Produc...
MAX13174E MAXIM-MAX13174E Datasheet
597Kb / 13P
   5V Multiprotocol, Pin-Selectable Cable Terminator
Rev 0; 7/09
MAX6496EVKIT MAXIM-MAX6496EVKIT Datasheet
96Kb / 4P
   Selectable Overvoltage Mode and Overvoltage-Limiter Mode
Rev 0; 9/07
MAX6495EVKIT MAXIM-MAX6495EVKIT Datasheet
195Kb / 7P
   Selectable Overvoltage Mode and Overvoltage Limiter Mode
Rev 2; 12/06
MAX13171E MAXIM-MAX13171E Datasheet
904Kb / 38P
   Multiprotocol, Pin-Selectable Data Interface Chipset
Rev 1; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com