Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-MKI129V3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-MKI129V3
Description  Microphone coupon board based on the MP34DT01 digital MEMS microphone
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MKI129V3 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-MKI129V3 Datasheet HTML 1Page - STMicroelectronics STEVAL-MKI129V3 Datasheet HTML 2Page - STMicroelectronics STEVAL-MKI129V3 Datasheet HTML 3Page - STMicroelectronics STEVAL-MKI129V3 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
February 2013
Doc ID 024304 Rev 1
1/4
4
STEVAL-MKI129V3
Microphone coupon board
based on the MP34DT01 digital MEMS microphone
Data brief
Features
• 4 x MP34DT01 top port digital MEMS
microphones
• Daughterboard to be used with STEVAL-
MKI126Vx kit
• Vsupply from 1.64 V to 3.6 V
• 120 dBSPL acoustic overload point
• Omnidirectional sensitivity
• PDM single-bit output
• 63 dB of SNR
• Sensitivity -26 dBFS
• RoHS compliant
Description
The STEVAL-MKI129V3 is a daughterboard
designed to be used in conjunction with the
STEVAL-MKI126Vx (Smart Voice) kit, containing
4 MP34DT01 digital MEMS microphones.
The coupon concept allows easy performance
test of ST MEMS microphones. When inserted in
the Smart Voice board, it is possible to detach the
single PCBs hosting each microphone.
www.st.com


Similar Part No. - STEVAL-MKI129V3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI129V1 STMICROELECTRONICS-STEVAL-MKI129V1 Datasheet
99Kb / 4P
   Microphone coupon board based on the MP45DT02 digital MEMS microphone
January 2013 Rev 1
STEVAL-MKI129V2 STMICROELECTRONICS-STEVAL-MKI129V2 Datasheet
110Kb / 4P
   Microphone coupon board based on the MP34DB01 digital MEMS microphone
January 2013 Rev 1
STEVAL-MKI129V4 STMICROELECTRONICS-STEVAL-MKI129V4 Datasheet
213Kb / 4P
   Microphone coupon board based on the MP34DT04 digital MEMS microphone
October 2016 Rev 2
More results

Similar Description - STEVAL-MKI129V3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI129V2 STMICROELECTRONICS-STEVAL-MKI129V2 Datasheet
110Kb / 4P
   Microphone coupon board based on the MP34DB01 digital MEMS microphone
January 2013 Rev 1
STEVAL-MIC005V1 STMICROELECTRONICS-STEVAL-MIC005V1 Datasheet
1Mb / 4P
   Microphone coupon board based on the MP23DB02MM digital MEMS microphone
Rev 1 - March 2020
STEVAL-MKI129V4 STMICROELECTRONICS-STEVAL-MKI129V4 Datasheet
213Kb / 4P
   Microphone coupon board based on the MP34DT04 digital MEMS microphone
October 2016 Rev 2
STEVAL-MKI129V1 STMICROELECTRONICS-STEVAL-MKI129V1 Datasheet
99Kb / 4P
   Microphone coupon board based on the MP45DT02 digital MEMS microphone
January 2013 Rev 1
STEVAL-MKI139V3 STMICROELECTRONICS-STEVAL-MKI139V3 Datasheet
246Kb / 4P
   Microphone coupon board based on the MP23AB02B analog MEMS microphone
February 2015 Rev 1
STEVAL-MIC007V1 STMICROELECTRONICS-STEVAL-MIC007V1 Datasheet
543Kb / 4P
   Microphone coupon board based on the IMP23ABSU analog MEMS microphone
Rev 1 - November 2020
STEVAL-MKI139V1 STMICROELECTRONICS-STEVAL-MKI139V1 Datasheet
228Kb / 4P
   Microphone coupon board based on the MP33AB01 analog MEMS microphone
November 2013 Rev 1
STEVAL-MKI139V4 STMICROELECTRONICS-STEVAL-MKI139V4 Datasheet
241Kb / 4P
   Microphone coupon board based on the MP23AB01DH analog MEMS microphone
February 2017 Rev 1
STEVAL-MKI139V2 STMICROELECTRONICS-STEVAL-MKI139V2 Datasheet
223Kb / 4P
   Microphone coupon board based on the MP33AB01H analog MEMS microphone
November 2013 Rev 1
STEVAL-MKI117V1 STMICROELECTRONICS-STEVAL-MKI117V1 Datasheet
363Kb / 5P
   MEMS microphone demonstration board based on the MP34DT01 and STM32
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com