Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STEVAL-MET001V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-MET001V1
Description  LPS22HB adapter board for a standard DIL 24 socket
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MET001V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-MET001V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-MET001V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-MET001V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-MET001V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-MET001V1
2/4
DocID028883 Rev 2
1
Schematic diagram
Figure 1: STEVAL-MET001V1 circuit schematic
1
2
3
4
5
6
7
8
9
10
11
12
JP1
Header 12
24
23
22
21
20
19
18
17
16
15
14
13
JP2
Header 12
VDD_IO
SCL
C1
100nF
10uF
C2
VCC
VCC
VDD_IO
INT1
CS
SCL
SDA
SDO
C3
100nF
CS
INT1
VDD_IO
1
SCL
2
CS
6
INT1
7
U1
LPS22HB
GND
GSPG1901161430SG


Similar Part No. - STEVAL-MET001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MIC005V1 STMICROELECTRONICS-STEVAL-MIC005V1 Datasheet
1Mb / 4P
   Microphone coupon board based on the MP23DB02MM digital MEMS microphone
Rev 1 - March 2020
STEVAL-MIC007V1 STMICROELECTRONICS-STEVAL-MIC007V1 Datasheet
543Kb / 4P
   Microphone coupon board based on the IMP23ABSU analog MEMS microphone
Rev 1 - November 2020
STEVAL-MKI004V1 STMICROELECTRONICS-STEVAL-MKI004V1 Datasheet
123Kb / 4P
   MEMS 3-axis - 짹2g/짹6g digital output low voltage linear accelerometer evaluation board based on LIS3LV02DQ
STEVAL-MKI004V1 STMICROELECTRONICS-STEVAL-MKI004V1 Datasheet
165Kb / 1P
   STMICROELECTRONICS Analog ICs
STEVAL-MKI005V1 STMICROELECTRONICS-STEVAL-MKI005V1 Datasheet
165Kb / 1P
   STMICROELECTRONICS Analog ICs
More results

Similar Description - STEVAL-MET001V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI168V1 STMICROELECTRONICS-STEVAL-MKI168V1 Datasheet
244Kb / 4P
   IIS2DH adapter board for a standard DIL 24 socket
February 2016 Rev 1
STEVAL-MKI107V2 STMICROELECTRONICS-STEVAL-MKI107V2 Datasheet
204Kb / 4P
   L3GD20 adapter board for a standard DIL 24 socket
STEVAL-FET001V1 STMICROELECTRONICS-STEVAL-FET001V1 Datasheet
238Kb / 4P
   M41T62LC6F adapter board for a standard DIL 24 socket
March 2016 Rev 1
STEVAL-MKI221V1 STMICROELECTRONICS-STEVAL-MKI221V1 Datasheet
519Kb / 4P
   LSM6DSO32X adapter board for a standard DIL 24 socket
Rev 1 - April 2021
STEVAL-MKI123V1 STMICROELECTRONICS-STEVAL-MKI123V1 Datasheet
241Kb / 4P
   LSM330D adapter board for a standard DIL 24 socket
STEVAL-MKI107V1 STMICROELECTRONICS-STEVAL-MKI107V1 Datasheet
83Kb / 4P
   L3G4200D adapter board for a standard DIL 24 socket
STEVAL-MKI212V1 STMICROELECTRONICS-STEVAL-MKI212V1 Datasheet
2Mb / 5P
   ASM330LHHX adapter board for a standard DIL 24 socket
04-Apr-2022 Revision 1
STEVAL-MKI188V1 STMICROELECTRONICS-STEVAL-MKI188V1 Datasheet
957Kb / 4P
   L20G20IS adapter board for a standard DIL 24 socket
February 2018
STEVAL-MKI169V1 STMICROELECTRONICS-STEVAL-MKI169V1 Datasheet
247Kb / 4P
   I3G4250D adapter board for a standard DIL 24 socket
February 2016 Rev 1
STEVAL-MKI142V1 STMICROELECTRONICS-STEVAL-MKI142V1 Datasheet
222Kb / 4P
   LPS25H adapter board for a standard DIL 24 socket
December 2013 Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com