Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS32FX161-15 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NS32FX161-15
Description  Advanced Imaging/Communication Signal Processors
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NS32FX161-15 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button NS32FX161-15 Datasheet HTML 7Page - National Semiconductor (TI) NS32FX161-15 Datasheet HTML 8Page - National Semiconductor (TI) NS32FX161-15 Datasheet HTML 9Page - National Semiconductor (TI) NS32FX161-15 Datasheet HTML 10Page - National Semiconductor (TI) NS32FX161-15 Datasheet HTML 11Page - National Semiconductor (TI) NS32FX161-15 Datasheet HTML 12Page - National Semiconductor (TI) NS32FX161-15 Datasheet HTML 13Page - National Semiconductor (TI) NS32FX161-15 Datasheet HTML 14Page - National Semiconductor (TI) NS32FX161-15 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
20 Architectural Description (Continued)
EXTExternal Memory Reference Control Register
The format of the external memory reference control regis-
ter is shown in
Figure 2-11
15
1
0
Reserved
HOLD
FIGURE 2-11 EXT Register Format
The EXT register controls external references The com-
mand-list execution unit checks the value of EXTHOLD be-
fore each external memory reference When EXTHOLD is
‘‘0’’
external memory references are allowed
When
EXTHOLD is ‘‘1’’ and external memory references are re-
quested the execution of the command list will stop until
EXTHOLD is ‘‘0’’ Upon reset and whenever the ABORT
register is written EXTHOLD is cleared to ‘‘0’’ The EXT
register can be read or written by the core
CLSTATCommand-List Execution Status Register
The format of the command-list execution status register is
shown in
Figure 2-12
15
1
0
Reserved
RUN
FIGURE 2-12 CLSTAT Register Format
The CLSTAT register displays the current status of the exe-
cution of the command list When the command-list execu-
tion is idle CLSTATRUN is ‘‘0’’ and when it is active
CLSTATRUN is ‘‘1’’ Upon reset the CLSTAT register is
cleared to ‘‘0’’ It can only be read and only by the core
DSPINT
DSPMASK
NMISTATInterrupt
Control
Registers
The format of DSPINT and DSPMASK is shown in
Figure
2-13
15
1
0
Reserved
HALT
FIGURE 2-13 DSPINT and DSPMASK Register Format
The DSPINT register holds the current status of interrupt
requests
Whenever execution of the command list is
stopped the DSPINTHALT bit is set to ‘‘1’’ The DSPINT is
a read only register It is cleared to ‘‘0’’ whenever it is read
whenever the ABORT register is written and upon reset
The DSPMASK register is used to mask the DSPINT HALT
flag An interrupt request is transferred to the interrupt logic
of the IOUT output pin whenever the DSPINTHALT bit is
set to ‘‘1’’ and the DSPMASKHALT bit is unmasked (set to
‘‘1’’)
See Section 40 for the functionality of IOUT
DSPMASK can be read and written by the core Upon reset
and whenever the ABORT register is written all the bits in
DSPMASK are cleared to ‘‘0’’
The format of the NMISTAT register is shown in
Figure 2-14
15
3
2
1
0
Reserved
ERR
UND
EXT
FIGURE 2-14 NMISTAT Register Format
The NMISTAT holds the status of the current pending Non-
Maskable Interrupt (NMI) requests
Whenever the core attempts to access the DSPM address
space while the CLSTATRUN bit is ‘‘1’’ (except for access-
es to the CLSTAT EXT DSPINT NMISTAT DSPMASK
and ABORT registers) NMISTATERR is set to ‘‘1’’
Whenever there is an attempt to execute a DBPT instruc-
tion or a reserved DSPM instruction (Section 34) the
NMISTATUND bit is set to ‘‘1’’
When a high to low transition is detected on the NMI input
pin NMISTATEXT bit is set to ‘‘1’’
When one of the bits in NMISTAT is set to ‘‘1’’ an NMI
request to the core is issued
The NMISTAT register is cleared to 0 upon reset and each
time its contents are read
When one of the bits in NMISTAT is set to 1 an NMI occurs
The NMI handler can read the NMISTAT register to deter-
mine the source of the interrupt Note that since NMIs may
be nested it is possible that a second NMI handler (invoked
while the previous handler has not yet exited) will read and
handle more than one set bit in NMISTAT Since the read
operation clears the register the interrupted handler may
find that no bits are set
22 MEMORY ORGANIZATION
The main memory of the NS32FX164 is a uniform linear
address space Memory locations are numbered sequential-
ly starting at zero and ending at 224 b 1 The number speci-
fying a memory location is called an address The contents
of each memory location is a byte consisting of eight bits
Unless otherwise noted diagrams in this document show
data stored in memory with the lowest address on the right
and the highest address on the left Also when data is
shown vertically the lowest address is at the top of a dia-
gram and the highest address at the bottom of the diagram
When bits are numbered in a diagram the least significant
bit is given the number zero and is shown at the right of the
diagram Bits are numbered in increasing significance and
toward the left
70
A
Byte at Address A
Two contiguous bytes are called a word Except where not-
ed the least significant byte of a word is stored at the lower
address and the most significant byte of the word is stored
at the next higher address In memory the address of a
word is the address of its least significant byte and a word
may start at any address
15
8
7
0
Aa1A
MSB
LSB
Word at Address A
Two contiguous words are called a double-word Except
where noted the least significant word of a double-word is
stored at the lowest address and the most significant word
of the double-word is stored at the address two higher In
memory the address of a double-word is the address of its
least significant byte and a double-word may start at any
address
31
24
23
16
15
8
7
0
Aa3Aa2Aa1A
MSB
LSB
Double Word at Address A
11


Similar Part No. - NS32FX161-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NS32FX161-15 TI1-NS32FX161-15 Datasheet
1Mb / 104P
[Old version datasheet]   Advanced Imaging/Communication Signal Processors
More results

Similar Description - NS32FX161-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NS32FV16 TI1-NS32FV16 Datasheet
1Mb / 104P
[Old version datasheet]   Advanced Imaging/Communication Signal Processors
TMS320DM641 TI-TMS320DM641_08 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM640AZNZ4 TI1-TMS320DM640AZNZ4 Datasheet
1Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_05 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641 Datasheet
2Mb / 171P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
logo
National Semiconductor ...
NS32FX16-15 NSC-NS32FX16-15 Datasheet
902Kb / 88P
   Imaging/Signal Processor
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
logo
List of Unclassifed Man...
ULN3841A ETC-ULN3841A Datasheet
738Kb / 8P
   AM SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com