Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SJPB-D6VR Datasheet(PDF) 3 Page - Sanken electric

Part No. SJPB-D6VR
Description  SJPB-D6 is a Schottky Barrier Diode, and has achieved low leakage current and low VF by selecting the best barrier metal.
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

SJPB-D6VR Datasheet(HTML) 3 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.sanken-ele.co.jp
SJPB-D6
May. 2016
Schottky Barrier Rectifier
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 3
SANKEN ELECTRIC
Characteristics
Reverse Voltage VR (V)
Forward Power Dissipation
Average Forward Current IF(AV) (A)
Reverse Power Dissipation
Current Derating
Lead temperature TL (°C)
VR=60V
DC
0.0
0.5
1.0
0.0
0.5
1.0
Tj=150℃
t
T
t/T=1/6
t/T=1/3,sinewave
t/T=1/2
DC
0
0.5
1
1.5
0
20
40
60
Tj=150℃
t
T
1-t/T=5/6
sinewave
1-t/T=2/3
1-t/T=ⅰ/2
0.0
0.5
1.0
100
110
120
130
140
150
Tj=150℃
t
T
t/T=1/6
t/T=1/2
DC
sinewave
t/T=1/3


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn