Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS32FX16-15 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NS32FX16-15
Description  Imaging/Signal Processor
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NS32FX16-15 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button NS32FX16-15 Datasheet HTML 3Page - National Semiconductor (TI) NS32FX16-15 Datasheet HTML 4Page - National Semiconductor (TI) NS32FX16-15 Datasheet HTML 5Page - National Semiconductor (TI) NS32FX16-15 Datasheet HTML 6Page - National Semiconductor (TI) NS32FX16-15 Datasheet HTML 7Page - National Semiconductor (TI) NS32FX16-15 Datasheet HTML 8Page - National Semiconductor (TI) NS32FX16-15 Datasheet HTML 9Page - National Semiconductor (TI) NS32FX16-15 Datasheet HTML 10Page - National Semiconductor (TI) NS32FX16-15 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
10 Product Introduction (Continued)
Below is a summary of the instructions that are directly ap-
plicable to graphics along with their intended use
Instruction
Application
BBAND
The BITBLT group of instructions provide a
BBOR
method of quickly imaging characters
BBFOR
creating patterns windowing and other
BBXOR
block oriented effects
BBSTOD
BITWT
EXTBLT
MOVMP
Move Multiple Pattern is a very fast
instruction for clearing memory and drawing
patterns and lines
TBITS
Test Bit String will measure the length of 1’s
or 0’s in an image supporting many data
compression methods (RLL) TBITS may
also be used to test for boundaries of
images
SBITS
Set Bit String is a very fast instruction for
filling objects outline characters and
drawing horizontal lines
The TBITS and SBITS instructions support
Group 3 and Group 4 CCITT standards for
compression and decompression
algorithms
SBITPS
Set Bit Perpendicular String is a very fast
instruction for drawing vertical horizontal
and 45 lines
In printing applications SBITS and SBITPS
may be used to express portrait and
landscape respectively from the same
compressed font data The size of the
character may be scaled as it is drawn
SBIT
The Bit group of instructions enable single
CBIT
pixels anywhere in memory to be set
TBIT
cleared tested or inverted
IBIT
INDEX
The INDEX instruction combines a multiply-
add sequence into a single instruction This
provides a fast translation of an X-Y
address to a pixel relative address
20 Architectural Description
21 REGISTER SET
The NS32FX16 has 23 internal registers and a 384-byte
RAM array 17 of these registers belong to the CPU portion
of the device and are addressed either implicitly by specific
instructions or through the register addressing mode The
other 6 control the operation of the DSP Module and are
memory mapped
Figure 2-1 shows the NS32FX16 internal
registers
CPU Registers
General Purpose
w 32 Bits x
R0–R7
Address
PC
SP0 SP1
FP
SB
INTBASE
MOD
Processor Status
PSR
Configuration
CFG
Peripherals Registers
DSP Module
w 32 Bits x
A
Y
O
DPTR
CPTR
CTL
ST
RAM Array
C 0 –C 95
FIGURE 2-1 NS32FX16 Internal Registers
7


Similar Part No. - NS32FX16-15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NS32FX161 TI1-NS32FX161 Datasheet
1Mb / 104P
[Old version datasheet]   Advanced Imaging/Communication Signal Processors
logo
National Semiconductor ...
NS32FX161-15 NSC-NS32FX161-15 Datasheet
1Mb / 102P
   Advanced Imaging/Communication Signal Processors
logo
Texas Instruments
NS32FX161-15 TI1-NS32FX161-15 Datasheet
1Mb / 104P
[Old version datasheet]   Advanced Imaging/Communication Signal Processors
NS32FX161-20 TI1-NS32FX161-20 Datasheet
1Mb / 104P
[Old version datasheet]   Advanced Imaging/Communication Signal Processors
NS32FX164 TI1-NS32FX164 Datasheet
1Mb / 104P
[Old version datasheet]   Advanced Imaging/Communication Signal Processors
More results

Similar Description - NS32FX16-15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9826 AD-AD9826_12 Datasheet
275Kb / 20P
   Complete 16-Bit Imaging Signal Processor
REV. B
AD9826 AD-AD9826 Datasheet
159Kb / 20P
   Complete 16-Bit Imaging Signal Processor
REV. A
logo
Texas Instruments
SM320DM642-EP TI-SM320DM642-EP_10 Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
SM320DM642-EP TI-SM320DM642-EP Datasheet
1Mb / 170P
[Old version datasheet]   Video/Imaging Fixed Point Digital Signal Processor
TMS320DM642 TI-TMS320DM642 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642 TI-TMS320DM642_08 Datasheet
1Mb / 176P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643 TI-TMS320DM643_07 Datasheet
1Mb / 162P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM643AZDK5 TI1-TMS320DM643AZDK5 Datasheet
1Mb / 164P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
TMS320DM642 TI1-TMS320DM642_17 Datasheet
1Mb / 178P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processor
logo
C&D Technologies
ADCDS-1403 CANDD-ADCDS-1403 Datasheet
192Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com