Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK42820-02 Datasheet(PDF) 7 Page - Peregrine Semiconductor

Part # EK42820-02
Description  UltraCMOS짰 SPDT RF Switch 30??700 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

EK42820-02 Datasheet(HTML) 7 Page - Peregrine Semiconductor

Back Button EK42820-02 Datasheet HTML 3Page - Peregrine Semiconductor EK42820-02 Datasheet HTML 4Page - Peregrine Semiconductor EK42820-02 Datasheet HTML 5Page - Peregrine Semiconductor EK42820-02 Datasheet HTML 6Page - Peregrine Semiconductor EK42820-02 Datasheet HTML 7Page - Peregrine Semiconductor EK42820-02 Datasheet HTML 8Page - Peregrine Semiconductor EK42820-02 Datasheet HTML 9Page - Peregrine Semiconductor EK42820-02 Datasheet HTML 10Page - Peregrine Semiconductor EK42820-02 Datasheet HTML 11Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Product Specification
PE42820
Page 7 of 12
Document No. DOC13614-4
│ www.psemi.com
©2012-2015 Peregrine Semiconductor Corp. All rights reserved.
Typical Performance Data @ +25 °C, VDD = 3.3V, VSS_EXT = 0V, unless otherwise noted
Figure 12. Isolation vs. Temp
(RFX–RFX, RFX Active)
Figure 13. Isolation vs. VDD
(RFX–RFX, RFX Active)


Similar Part No. - EK42820-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK42822-01 PSEMI-EK42822-01 Datasheet
460Kb / 21P
   UltraCMOS SPDT RF Switch, 700 MHz-3.8 GHz
More results

Similar Description - EK42820-02

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42420LGBB-Z PSEMI-PE42420LGBB-Z Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100.6000 MHz
PE42720 PSEMI-PE42720_14 Datasheet
983Kb / 11P
   UltraCMOS짰 SPDT RF Switch
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
   UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42420 PSEMI-PE42420_14 Datasheet
400Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PE42721MLBA-Z PSEMI-PE42721MLBA-Z Datasheet
1Mb / 12P
   UltraCMOS짰 SPDT RF Switch 5??200 MHz
PE42422 PSEMI-PE42422_14 Datasheet
962Kb / 13P
   UltraCMOS짰 SPDT RF Switch
PE42721 PSEMI-PE42721_14 Datasheet
345Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42510AMLI-Z PSEMI-PE42510AMLI-Z Datasheet
821Kb / 7P
   SPDT High Power UltraCMOS짰 Reflective RF Switch 30 - 2000 MHz
PE42823 PSEMI-PE42823 Datasheet
597Kb / 11P
   SPDT RF Switch, 700 MHz?? GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com