Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE42750MLAB-Z Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # PE42750MLAB-Z
Description  75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch Featuring Unpowered Operation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42750MLAB-Z Datasheet(HTML) 1 Page - Peregrine Semiconductor

  PE42750MLAB-Z Datasheet HTML 1Page - Peregrine Semiconductor PE42750MLAB-Z Datasheet HTML 2Page - Peregrine Semiconductor PE42750MLAB-Z Datasheet HTML 3Page - Peregrine Semiconductor PE42750MLAB-Z Datasheet HTML 4Page - Peregrine Semiconductor PE42750MLAB-Z Datasheet HTML 5Page - Peregrine Semiconductor PE42750MLAB-Z Datasheet HTML 6Page - Peregrine Semiconductor PE42750MLAB-Z Datasheet HTML 7Page - Peregrine Semiconductor PE42750MLAB-Z Datasheet HTML 8Page - Peregrine Semiconductor PE42750MLAB-Z Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Document No. 70-0334-07
│ www.psemi.com
Page 1 of 10
©2010-2012 Peregrine Semiconductor Corp. All rights reserved.
The PE42750 is an SPDT UltraCMOS
® Switch designed
for Broadband applications such as CATV, DTV, Multi-
Tuner Digital Video Recorder (DVR ), Set-top Box, PCTV
and Video Game Consoles. The PE42750 meets FCC
15.115 specification of 80 dB isolation at 216 MHz in
both powered and unpowered states. The PE42750
covers a broad frequency range from 5 MHz to 2200
MHz with a single positive supply and CMOS control.
The PE42750 provides a smaller, cost effective, more
reliable and manufacturable alternative to mechanical
relays in set-top box applications.
The PE42750 is manufactured using Peregrine’s
UltraCMOS
® process, a patented variation of silicon-on-
insulator (SOI) technology on a sapphire substrate,
offering the performance of GaAs with the economy and
integration of conventional CMOS.
Product Specification
75
Ω Terminated 5 - 2200 MHz SPDT
CATV UltraCMOS
® Switch
Featuring Unpowered Operation
Product Description
PE42750
Features
Meets FCC 15.115 isolation specification
All ports terminated when unpowered
2000V HBM ESD tolerance, all ports
High isolation: 63 dB at 1000 MHz
Low insertion loss, typical:
0.7 dB at 5 MHz
1.0 dB at 1000 MHz
CMOS single-pin control with logic select
Single +3 volt supply operation
Low current consumption: 8 μA
Absorptive Switch Design
Figure 1. Functional Diagram
12-lead 3 x 3 x 0.75 mm QFN
Figure 2. Package Type
Peregrine Specification 71-0013
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE42750MLAB-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42750MLAA PEREGRINE-PE42750MLAA Datasheet
634Kb / 9P
   75  Terminated 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
PE42750MLAA-Z PEREGRINE-PE42750MLAA-Z Datasheet
634Kb / 9P
   75  Terminated 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
More results

Similar Description - PE42750MLAB-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42742MLIBB-Z PSEMI-PE42742MLIBB-Z Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Peregrine Semiconductor...
PE42742 PEREGRINE-PE42742 Datasheet
301Kb / 10P
   75 廓 Terminated - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
PE42750 PEREGRINE-PE42750 Datasheet
634Kb / 9P
   75  Terminated 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Peregrine Semiconductor
PE42750 PSEMI-PE42750_14 Datasheet
1Mb / 10P
   75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
logo
Peregrine Semiconductor...
PE42750 PEREGRINE-PE42750 Datasheet
450Kb / 10P
   75 廓 Terminated 5 - 2200 MHz SPDT
PE42742 PEREGRINE-PE42742 Datasheet
326Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT
logo
SIPAT Co,Ltd
SP42742 SIPAT-SP42742 Datasheet
1,010Kb / 5P
   75  Terminated, 5 - 2200 MHz SPDT
logo
Peregrine Semiconductor...
PE4274 PEREGRINE-PE4274 Datasheet
468Kb / 12P
   75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch
logo
Peregrine Semiconductor
PE4280MLIAA PSEMI-PE4280MLIAA Datasheet
882Kb / 8P
   75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com