Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE42742MLIBB-Z Datasheet(PDF) 3 Page - Peregrine Semiconductor

Part # PE42742MLIBB-Z
Description  75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42742MLIBB-Z Datasheet(HTML) 3 Page - Peregrine Semiconductor

  PE42742MLIBB-Z Datasheet HTML 1Page - Peregrine Semiconductor PE42742MLIBB-Z Datasheet HTML 2Page - Peregrine Semiconductor PE42742MLIBB-Z Datasheet HTML 3Page - Peregrine Semiconductor PE42742MLIBB-Z Datasheet HTML 4Page - Peregrine Semiconductor PE42742MLIBB-Z Datasheet HTML 5Page - Peregrine Semiconductor PE42742MLIBB-Z Datasheet HTML 6Page - Peregrine Semiconductor PE42742MLIBB-Z Datasheet HTML 7Page - Peregrine Semiconductor PE42742MLIBB-Z Datasheet HTML 8Page - Peregrine Semiconductor PE42742MLIBB-Z Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Product Specification
PE42742
Page 3 of 10
Document No. 70-0203-07 │ www.psemi.com
©2006-2012 Peregrine Semiconductor Corp. All rights reserved.
No.
Name
Description
1, 2, 4-7, 9-12,
14, 15, 18, 19
GND
RF Ground
3
RF11
RF I/O
8
RFC1
RF Common
13
RF21
RF I/O
16
C22
Control 2 (or logic select)
17
C12
Control 1 (or logic select)
20
VDD
Supply
Pad
GND
RF Ground Pad
Table 3. Pin Descriptions
Table 5. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe the
same precautions that you would use with other ESD-
sensitive devices. Although this device contains
circuitry to protect it from damage due to ESD,
precautions should be taken to avoid exceeding the
rating specified.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Table 4. Operating Conditions @ 25°C
Notes: 1. RF pins 3, 8, and 13 must be at 0 VDC. The RF pins do not require DC
blocking capacitors for proper operation if the 0V DC requirement is met.
2. Pins 16 and 17 can be set for single pin or complementary
pin control.
Switching Frequency
The PE42742 has a maximum 25 kHz switching rate.
Figure 3. Pin Configuration (Top View)
Symbol
Parameter/Condition
Min
Max
Unit
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any DC input
-0.3
VDD +
0.3
V
PRF
RF power on RFC, RF1, RF2
Terminated/Through
24/33
dBm
TST
Storage temperature
-65
+150
°C
TOP
Operating temperature
-40
+85
°C
V
VESD
HBM1 ESD Voltage RF Pins
3500
HBM1 ESD Voltage Digital Pins
3500
MM2 ESD Voltage all pins
150
Parameter
Min
Typ
Max
Unit
VDD Power Supply
2.7
3.0
3.3
V
IDD Power Supply Current
(VDD = 3V, VCNTL = 3V)
8
μ
A
Control Voltage High
0.7 x VDD
VDD
V
Control Voltage Low
0
0.3 x VDD
V
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be restricted to
the limits in the Operating Ranges table. Operation
between operating range maximum and absolute
maximum for extended periods may reduce reliability.
GND
15
14
13
12
11
3
4
5
2
1
GND
GND
GND
RF2
GND
GND
GND
RF1
GND
GND
75
75
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the PE42742 in
the 20-lead QFN package is MSL1.
Notes: 1. ML_STD 883 Method 3015.7
2. JEDEC JESD22-A114-B
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE42742MLIBB-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42742 PEREGRINE-PE42742 Datasheet
301Kb / 10P
   75 廓 Terminated - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Peregrine Semiconductor
PE42742 PSEMI-PE42742 Datasheet
326Kb / 10P
   SPDT CATV UltraCMOS Switch
logo
Peregrine Semiconductor...
PE42742 PEREGRINE-PE42742 Datasheet
326Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT
logo
Peregrine Semiconductor
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
logo
Peregrine Semiconductor...
PE42742 PEREGRINE-PE42742_15 Datasheet
326Kb / 10P
   Switch
More results

Similar Description - PE42742MLIBB-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42742 PEREGRINE-PE42742 Datasheet
301Kb / 10P
   75 廓 Terminated - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
PE42750 PEREGRINE-PE42750 Datasheet
634Kb / 9P
   75  Terminated 5 - 2200 MHz SPDT CATV UltraCMOS??Switch Featuring Unpowered Operation
logo
Peregrine Semiconductor
PE42750MLAA-Z PSEMI-PE42750MLAA-Z Datasheet
518Kb / 10P
   75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch Featuring Unpowered Operation
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
PE42750 PSEMI-PE42750_14 Datasheet
1Mb / 10P
   75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch
logo
Peregrine Semiconductor...
PE42750 PEREGRINE-PE42750 Datasheet
450Kb / 10P
   75 廓 Terminated 5 - 2200 MHz SPDT
PE42742 PEREGRINE-PE42742 Datasheet
326Kb / 10P
   75 廓 Terminated, 5 - 2200 MHz SPDT
PE4274 PEREGRINE-PE4274 Datasheet
468Kb / 12P
   75廓 Terminated - 2.2 GHz SPDT CATV UltraCMOS??Switch
logo
SIPAT Co,Ltd
SP42742 SIPAT-SP42742 Datasheet
1,010Kb / 5P
   75  Terminated, 5 - 2200 MHz SPDT
logo
Peregrine Semiconductor
PE4280 PSEMI-PE4280_14 Datasheet
882Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com