Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE42721MLBA-Z Datasheet(PDF) 9 Page - Peregrine Semiconductor

Part # PE42721MLBA-Z
Description  UltraCMOS짰 SPDT RF Switch 5??200 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42721MLBA-Z Datasheet(HTML) 9 Page - Peregrine Semiconductor

Back Button PE42721MLBA-Z Datasheet HTML 4Page - Peregrine Semiconductor PE42721MLBA-Z Datasheet HTML 5Page - Peregrine Semiconductor PE42721MLBA-Z Datasheet HTML 6Page - Peregrine Semiconductor PE42721MLBA-Z Datasheet HTML 7Page - Peregrine Semiconductor PE42721MLBA-Z Datasheet HTML 8Page - Peregrine Semiconductor PE42721MLBA-Z Datasheet HTML 9Page - Peregrine Semiconductor PE42721MLBA-Z Datasheet HTML 10Page - Peregrine Semiconductor PE42721MLBA-Z Datasheet HTML 11Page - Peregrine Semiconductor PE42721MLBA-Z Datasheet HTML 12Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Product Specification
PE42721
Page 9 of 12
Document No. DOC-13814-4 │ www.psemi.com
©2013-2016 Peregrine Semiconductor Corp. All rights reserved.
Evaluation Board
Figure 19. Evaluation Board Layout
The SPDT switch evaluation board was designed
to ease customer evaluation of Peregrine’s
PE42721. The RF common port is connected
through a 75Ω transmission line via the F-Type
connector, J2. RF1 and RF2 ports are connected
through 75Ω transmission lines via F-Type
connectors J1 and J3, respectively. A 75Ω through
transmission line is available via F-Type
connectors J4 and J5, which can be used to
de-embed the loss of the PCB. J6 provides DC and
digital inputs to the device.
PRT-51234


Similar Part No. - PE42721MLBA-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE42721 PEREGRINE-PE42721 Datasheet
297Kb / 12P
   UltraCMOS
logo
Peregrine Semiconductor
PE42721 PSEMI-PE42721_14 Datasheet
345Kb / 12P
   UltraCMOS짰 SPDT RF Switch
logo
Peregrine Semiconductor...
PE42721 PEREGRINE-PE42721_15 Datasheet
297Kb / 12P
   SPDT RF Switch
More results

Similar Description - PE42721MLBA-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
   UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42420LGBB-Z PSEMI-PE42420LGBB-Z Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100.6000 MHz
PE42720 PSEMI-PE42720_14 Datasheet
983Kb / 11P
   UltraCMOS짰 SPDT RF Switch
PE42420 PSEMI-PE42420_14 Datasheet
400Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PE42422 PSEMI-PE42422_14 Datasheet
962Kb / 13P
   UltraCMOS짰 SPDT RF Switch
PE42721 PSEMI-PE42721_14 Datasheet
345Kb / 12P
   UltraCMOS짰 SPDT RF Switch
PE42820MLBA-X PSEMI-PE42820MLBA-X Datasheet
371Kb / 12P
   UltraCMOS짰 SPDT RF Switch 30??700 MHz
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
   SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
   UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com