Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK42641-04 Datasheet(PDF) 8 Page - Peregrine Semiconductor

Part # EK42641-04
Description  SP4T UltraCMOS짰 RF Switch 100 MHz ??3.0 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

EK42641-04 Datasheet(HTML) 8 Page - Peregrine Semiconductor

  EK42641-04 Datasheet HTML 1Page - Peregrine Semiconductor EK42641-04 Datasheet HTML 2Page - Peregrine Semiconductor EK42641-04 Datasheet HTML 3Page - Peregrine Semiconductor EK42641-04 Datasheet HTML 4Page - Peregrine Semiconductor EK42641-04 Datasheet HTML 5Page - Peregrine Semiconductor EK42641-04 Datasheet HTML 6Page - Peregrine Semiconductor EK42641-04 Datasheet HTML 7Page - Peregrine Semiconductor EK42641-04 Datasheet HTML 8Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Product Specification
PE42641
Page 8 of 8
©2014 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-17914-2
│ UltraCMOS® RFIC Solutions
Device Orientation in Tape
Top of
Device
Pin 1
Tape Feed Direction
16-lead 3
3 mm QFN
Figure 13. Tape and Reel Specifications
Table 7. Ordering Information
Order Code
Part Marking
Description
Package
Shipping Method
PE42641MLBD-Z
42641
PE42641 SP4T RF switch
Green 16-lead 3
3 mm QFN
3000 units / T&R
EK42641-04
PE42641EK
PE42641 Evaluation kit
Evaluation Kit
1 / Box
Advance Information: The product is in a formative or design stage. The datasheet contains design target
specifications for product development. Specifications and features may change in any manner without notice.
Preliminary Specification: The datasheet contains preliminary data. Additional data may be added at a later
date. Peregrine reserves the right to change specifications at any time without notice in order to supply the best
possible product. Product Specification: The datasheet contains final data. In the event Peregrine decides to
change the specifications, Peregrine will notify customers of the intended changes by issuing a CNF (Customer
Notification Form).
The information in this datasheet is believed to be reliable. However, Peregrine assumes no liability for the use
of this information. Use shall be entirely at the user’s own risk.
No patent rights or licenses to any circuits described in this datasheet are implied or granted to any third party.
Peregrine’s products are not designed or intended for use in devices or systems intended for surgical implant,
or in other applications intended to support or sustain life, or in any application in which the failure of the
Peregrine product could create a situation in which personal injury or death might occur. Peregrine assumes no
liability for damages, including consequential or incidental damages, arising out of the use of its products in
such applications.
The Peregrine name, logo, UltraCMOS and UTSi are registered trademarks and HaRP, MultiSwitch and DuNE
are trademarks of Peregrine Semiconductor Corp. Peregrine products are protected under one or more of the
following U.S. Patents: http://patents.psemi.com
Sales Contact and Information
For Sales and contact information please visit www.psemi.com.


Similar Part No. - EK42641-04

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK426412-02 PSEMI-EK426412-02 Datasheet
1Mb / 25P
   SP12T RF Switch, 10 MHz?? GHz
More results

Similar Description - EK42641-04

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42441 PSEMI-PE42441 Datasheet
510Kb / 12P
   UltraCMOS짰 SP4T RF Switch
PE42442 PSEMI-PE42442 Datasheet
514Kb / 11P
   UltraCMOS짰 SP4T RF Switch
PE42641 PSEMI-PE42641 Datasheet
891Kb / 8P
   SP4T UltraCMOS짰 RF Switch
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
   SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
PE42540LGBD-Z PSEMI-PE42540LGBD-Z Datasheet
1Mb / 12P
   UltraCMOS짰 SP4T RF Switch 10 Hz?? GHz
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
   SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
   UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
PE42851 PSEMI-PE42851 Datasheet
417Kb / 12P
   UltraCMOS짰 SP5T RF Switch 100 - 1000 MHz
PE42851MLBA-X PSEMI-PE42851MLBA-X Datasheet
380Kb / 12P
   UltraCMOS짰 SP5T RF Switch 100??000 MHz
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
   UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com