Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M74HC4066 Datasheet(PDF) 9 Page - STMicroelectronics

Part No. M74HC4066
Description  QUAD BILATERAL SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4066 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M74HC4066 Datasheet HTML 3Page - STMicroelectronics M74HC4066 Datasheet HTML 4Page - STMicroelectronics M74HC4066 Datasheet HTML 5Page - STMicroelectronics M74HC4066 Datasheet HTML 6Page - STMicroelectronics M74HC4066 Datasheet HTML 7Page - STMicroelectronics M74HC4066 Datasheet HTML 8Page - STMicroelectronics M74HC4066 Datasheet HTML 9Page - STMicroelectronics M74HC4066 Datasheet HTML 10Page - STMicroelectronics M74HC4066 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
M74HC4066
9/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45° (typ.)
D
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.68
0.026
S8° (max.)
SO-14 MECHANICAL DATA
PO13G


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74LVQ4066 QUAD BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
TC4066BP QUAD BILATERAL SWITCH 1  2  3  4  5  More Toshiba Semiconductor
CD4066BM Quad Bilateral Switch 1  2  3  4  5  More National Semiconductor (TI)
TC74HC4066AP QUAD BILATERAL SWITCH 1  2  3  4  5  More Toshiba Semiconductor
HCC4016B QUAD BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics
HCC4066B OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION 1  2  3  4  5  More STMicroelectronics
HCF4066B QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS 1  2  3  4  5  More STMicroelectronics
LC4966 Quad Bilateral Switch 1  2  3  4  5  More Sanyo Semicon Device
CD54HC4066 High-Speed CMOS Logic Quad Bilateral Switch 1  2  3  4  5  More Texas Instruments
M54HC4316 QUAD BILATERAL SWITCH 1  2  3  4  5  More STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn