Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FERD20M60 Datasheet(PDF) 3 Page - STMicroelectronics

Part No. FERD20M60
Description  Field effect rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD20M60 Datasheet(HTML) 3 Page - STMicroelectronics

  FERD20M60 Datasheet HTML 1Page - STMicroelectronics FERD20M60 Datasheet HTML 2Page - STMicroelectronics FERD20M60 Datasheet HTML 3Page - STMicroelectronics FERD20M60 Datasheet HTML 4Page - STMicroelectronics FERD20M60 Datasheet HTML 5Page - STMicroelectronics FERD20M60 Datasheet HTML 6Page - STMicroelectronics FERD20M60 Datasheet HTML 7Page - STMicroelectronics FERD20M60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID027193 Rev 2
3/8
FERD20M60
Characteristics
8
)
Figure 1. Average forward power dissipation
versus average forward current
Figure 2. Average forward current versus
ambient temperature (
δ = 0.5)
Figure 3. Relative variation of thermal
impedance junction to case versus pulse
duration
Figure 4. Reverse leakage current versus
reverse voltage applied (typical values)
Figure 5. Junction capacitance versus reverse
voltage applied (typical values)
Figure 6. Forward voltage drop versus forward
current (typical values)


Similar Part No. - FERD20M60

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
FERD2045S STMICROELECTRONICS-FERD2045S Datasheet
378Kb / 8P
   45 V field-effect rectifier diode
January 2018 Rev 1
FERD20H100S STMICROELECTRONICS-FERD20H100S Datasheet
545Kb / 15P
   100 V field-effect rectifier diode
FERD20H100SB-TR STMICROELECTRONICS-FERD20H100SB-TR Datasheet
545Kb / 15P
   100 V field-effect rectifier diode
FERD20H100SFP STMICROELECTRONICS-FERD20H100SFP Datasheet
545Kb / 15P
   100 V field-effect rectifier diode
FERD20H100SH STMICROELECTRONICS-FERD20H100SH Datasheet
545Kb / 15P
   100 V field-effect rectifier diode
More results

Similar Description - FERD20M60

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
FERD30SM100DJF STMICROELECTRONICS-FERD30SM100DJF Datasheet
161Kb / 8P
   Field effect rectifier
FERD40H100S STMICROELECTRONICS-FERD40H100S Datasheet
371Kb / 12P
   100 V field-effect rectifier diode
FERD30H100S STMICROELECTRONICS-FERD30H100S Datasheet
474Kb / 14P
   100 V field-effect rectifier diode
FERD20H100S STMICROELECTRONICS-FERD20H100S Datasheet
545Kb / 15P
   100 V field-effect rectifier diode
KEC(Korea Electronics)
KEC(Korea Electronics)
2N7000A KEC-2N7000A Datasheet
67Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7002A KEC-2N7002A_09 Datasheet
57Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7002 KEC-2N7002 Datasheet
70Kb / 4P
   FIELD EFFECT TRANSISTOR
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
40822 NJSEMI-40822 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
40822 NJSEMI-40822_13 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
Isahaya Electronics Corporation
Isahaya Electronics Cor...
2SK930 ISAHAYA-2SK930 Datasheet
226Kb / 4P
   FIELD-EFFECT TRANSISTOR
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz