Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK7755EN Datasheet(PDF) 63 Page - Asahi Kasei Microsystems

Part # AK7755EN
Description  DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7755EN Datasheet(HTML) 63 Page - Asahi Kasei Microsystems

Back Button AK7755EN_16 Datasheet HTML 59Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 60Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 61Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 62Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 63Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 64Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 65Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 66Page - Asahi Kasei Microsystems AK7755EN_16 Datasheet HTML 67Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 109 page
background image
[AK7755]
014006643-E-00
2014/10
- 63 -
LF
255
M:MSB,L:LSB
254 253 252 251
234 233 232 231 230 229 228 227 226 225 224 223 222 221 220 219
SDIN1, 2
22 21 20 19
2 1 L
M
22 21 20 19
2 1 L
M
202 201 200 199 198
4 3 2 1 0
22 21 20 19
2 1 L
M
22 21 20 19
2 1 L
M
SDOUT1, 2, 3
Left ch
Right ch
tBCLK
tBCLK × 32
LRCK
BICK
tBCLK × 256
Figure 42. PCM Long Frame 256fs
7. TDM Mode
TDM interface formats shown below are available by setting TDM256 bit = “1”. BITFS[1:0] bits should
be set to 3h since BICK is fixed to 256fs.
Mode
LRIF[1:0]
TDMMODE[1:0]
Format
Note
0
0h
0h
MSB 24-bit
1
0h
1h
MSB 24-bit
SLOT7 and 8 Inputs Not Available
2
0h
2h
MSB 24-bit
SLOT5, 6, 7 and 8 Inputs Not Available
3
1h
0h
I
2S Compatible
4
1h
1h
I
2S Compatible
SLOT7 and 8 Inputs Not Available
5
1h
2h
I
2S Compatible
SLOT5, 6, 7 and 8 Inputs Not Available
6
2h
0h
PCM Short Frame
7
2h
1h
PCM Short Frame
SLOT7 and 8 Inputs Not Available
8
2h
2h
PCM Short Frame
SLOT5, 6, 7 and 8 Inputs Not Available
9
3h
0h
PCM Long Frame
10
3h
1h
PCM Long Frame
SLOT7 and 8 Inputs Not Available
11
3h
2h
PCM Long Frame
SLOT5, 6, 7 and 8 Inputs Not Available


Similar Part No. - AK7755EN_16

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
More results

Similar Description - AK7755EN_16

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7755 AKM-AK7755 Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7755EN AKM-AK7755EN Datasheet
2Mb / 109P
   DSP with Mono ADC Stereo CODEC Mic/Lineout Amp
AK7756 AKM-AK7756 Datasheet
453Kb / 27P
   DSP with Mono CODEC Mic/Lineout Amp
AK7758VN AKM-AK7758VN Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7758 AKM-AK7758 Datasheet
674Kb / 32P
   DSP with Stereo CODEC Mic/Lineout Amp
AK7754 AKM-AK7754 Datasheet
542Kb / 26P
   Audio DSP with Stereo CODEC MIC/HP-AMP
AK4647VQ AKM-AK4647VQ Datasheet
517Kb / 72P
   Stereo CODEC with MIC/HP-AMP
AK4645EN AKM-AK4645EN Datasheet
758Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645 AKM-AK4645 Datasheet
796Kb / 96P
   Stereo CODEC with MIC/HP-AMP
AK4645AEZ AKM-AK4645AEZ Datasheet
918Kb / 85P
   Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com