Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5554VN Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK5554VN
Description  4-Channel Differential 32-bit ADC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5554VN Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK5554VN_16 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 10Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 11Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 12Page - Asahi Kasei Microsystems AK5554VN_16 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
[AK5554]
015099864-E-00
2016/03
- 9 -
8. Analog Characteristics
(Ta= 25
C; AVDD= 5.0 V; TVDD= 3.3 V, fs= 48 kHz, BICK= 64fs;
Signal Frequency= 1 kHz; 24-bit Data; Measurement frequency= 20 Hz-20 kHz at fs= 48 kHz,
40 Hz-40 kHz at fs= 96 kHz, 40 Hz-40 kHz at fs= 192 kHz, unless otherwise specified.)
Parameter
Min.
Typ.
Max.
Unit
Analog Input Characteristics:
Resolution
-
-
32
Bit
Input Voltage
(Note 10)
2.7
2.8
2.9
Vpp
S/(N+D)
fs= 48 kHz
BW=20 kHz
1 dBFS
20 dBFS
60 dBFS
100
-
-
106
92
52
-
-
-
dB
dB
dB
fs= 96 kHz
BW= 40 kHz
1 dBFS
20 dBFS
60 dBFS
-
-
-
106
89
49
-
-
-
dB
dB
dB
fs= 192 kHz
BW= 40 kHz
1 dBFS
20 dBFS
60 dBFS
-
-
-
106
89
49
-
-
-
dB
dB
dB
Dynamic Range
(
60dBFS with A-weighted)
Not Sum. mode
4-to-2 mode
4-to-1 mode
110
-
-
115
118
121
-
-
-
dB
dB
dB
S/N
(A-weighted)
Not Sum. mode
4-to-2 mode
4-to-1 mode
110
-
-
115
118
121
-
-
-
dB
dB
dB
Input Resistance
These values will be doubled in DSD 64fs mode.
(Values in DSD128 or DSD256 modes are as shown here)
8.8
10.4
12.0
k
Interchannel Isolation
(AIN1AIN2, AIN3AIN4)
110
120
-
dB
Interchannel Gain Mismatch
-
0
0.5
dB
Power Supply Rejection
(Note 11)
-
60
-
dB
Power Supplies
Power Supply Current
Normal Operation (
PDN pin = “H”, LDOE pin = “H”)
AVDD+VREFH1/2
TVDD
(fs= 48 kHz)
TVDD
(fs= 96 kHz)
TVDD
(fs= 192 kHz)
Power down mode (
PDN pin = “L”)
(Note 12)
AVDD+TVDD
-
-
-
-
-
22
9
16
15
10
29
12
21
20
100
mA
mA
mA
mA
A
Note 10. This value is (AINnP)
(AINnN) that the ADC output becomes full-scale (n=1-4).
Vin = 0.56
 (VREFHmVREFLm) [Vpp]. (m=1-2)
Note 11. PSRR is applied to AVDD, TVDD with 1 kHz, 20 mVpp sine wave. The VREFH1-2 are held to
the fixed voltage.
Note 12. All digital inputs are fixed to TVDD or TVSS.


Similar Part No. - AK5554VN_16

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK5554VN HUAXINAN-AK5554VN Datasheet
125Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5554VN AKM-AK5554VN Datasheet
125Kb / 5P
   115dB 768kHz 32-bit 4ch ADC with 4Filters
More results

Similar Description - AK5554VN_16

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5554 AKM-AK5554 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5534VN AKM-AK5534VN Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5534 AKM-AK5534 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?꾬걪 ADC
AK5574EN AKM-AK5574EN Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ?誇 ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com