Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5552VN Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK5552VN
Description  2-Channel Differential 32-bit ADC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5552VN Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK5552VN_16 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 10Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 11Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 12Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 13Page - Asahi Kasei Microsystems AK5552VN_16 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 68 page
background image
[AK5552]
015099871-E-00
2016/03
- 10 -
9. Filter Characteristics
ADC Filter Characteristics (fs= 48 kHz)
(Ta=
40 - +105 C; AVDD= 4.5-5.5 V, TVDD=1.7-1.98 V (LDOE pin=“L”) or 3.0-3.6 V (LDOE pin=“H”),
VDD18= 1.7-1.98 V (LDOE pin=
“L”))
Parameter
Symbol
Min.
Typ.
Max.
Unit
Digital Filter (Decimation LPF): SHARP ROLL-OFF (Figure 3)
(SD pin=
“L”, SLOW pin=“L”)
Passband (Note 13)
+0.001/
0.06 dB
PB
0
-
22.0
kHz
6.0 dB
-
24.4
-
kHz
Stopband (Note 13)
SB
27.9
-
-
kHz
Stopband Attenuation
SA
85
-
-
dB
Group Delay Distortion 0 - 20.0 kHz
GD
-
0
-
1/fs
Group Delay (Note 14)
GD
-
19
-
1/fs
Digital Filter (Decimation LPF): SLOW ROLL-OFF (Figure 4)
(SD pin=
“L”, SLOW pin=H”)
Passband (Note 13)
+0.001/
0.076 dB
6.0 dB
PB
0
-
-
21.9
12.5
-
kHz
kHz
Stopband (Note 13)
SB
36.5
-
-
kHz
Stopband Attenuation
SA
85
-
-
dB
Group Delay Distortion 0 - 20.0 kHz
GD
-
0
-
1/fs
Group Delay (Note 14)
GD
-
7
-
1/fs
Digital Filter (Decimation LPF): SHORT DELAY SHARP ROLL-OFF FILTER (Figure 5)
(SD pin=
“H”, SLOW pin=”L”)
Passband (Note 13)
+0.001/
0.06 dB
PB
0
-
22.0
kHz
6.0 dB
-
24.4
-
kHz
Stopband (Note 13)
SB
27.9
-
-
kHz
Stopband Attenuation
SA
85
-
-
dB
Group Delay Distortion 0 - 20.0 kHz
GD
-
-
2.8
1/fs
Group Delay (Note 14)
GD
-
5
-
1/fs
Digital Filter (Decimation LPF): SHORT DELAY SLOW ROLL-OFF (Figure 6)
(SD pin=
“H”, SLOW pin=H”)
Passband (Note 13)
+0.001/
0.076 dB
6.0 dB
PB
-
0
-
-
21.9
12.5
-
kHz
kHz
Stopband (Note 13)
SB
36.5
-
-
kHz
Stopband Attenuation
SA
85
-
-
dB
Group Delay Distortion 0 - 20.0 kHz
GD
-
-
1.2
1/fs
Group Delay (Note 14)
GD
-
5
-
1/fs
Digital Filter (HPF):
Frequency Response
(Note 13)
3.0 dB
0.5 dB
0.1 dB
FR
-
-
-
1.0
2.5
6.5
-
-
-
Hz
Hz
Hz
Note 13. The passband and stopband frequencies scale with fs.
For example, PB (+0.001 dB/
0.06 dB) =0.46  fs (SHARP ROLL-OFF).
For example, PB (+0.001 dB/
0.076 dB) =0.26  fs (SLOW ROLL-OFF).
Note 14. The calculated delay time induced by digital filtering. This time is from the input of an analog
signal to the L channel MSB output timing of the SDTO. It may have an error of +1[1/fs] at
maximum when outputting data via audio interfaces.


Similar Part No. - AK5552VN_16

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK5552VN HUAXINAN-AK5552VN Datasheet
124Kb / 5P
   ADC with 4Filters
logo
Asahi Kasei Microsystem...
AK5552VN AKM-AK5552VN Datasheet
124Kb / 5P
   115dB 768kHz 32-bit 2ch ?꾬걪 ADC with 4Filters
More results

Similar Description - AK5552VN_16

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5552 AKM-AK5552 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5572EN AKM-AK5572EN Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ?꾬걪 ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5556 AKM-AK5556 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5538 AKM-AK5538 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com