Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK2401 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK2401
Description  Direct Conversion Transceiver
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2401 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK2401 Datasheet HTML 1Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 2Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 3Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 4Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 5Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 6Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 7Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 8Page - Asahi Kasei Microsystems AK2401 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 103 page
background image
[AK2401]
017003093-E-00
2017/3
5
5. Block Diagram and Functions
5.1. Block Diagram
Figure 1. AK2401 Block Diagram
5.2. Functions
The AK2401 consists of the Analog Receiving Circuit 1 (LNA), the Analog Receiving Circuit 2 (MIXER,
PGA and AAF), the Digital Receiving Circuit (ADC, DIGITAL FILTER, RSSI, AGC and ADC P/S IF), the
Local Oscillation Circuit (PLL SYNTHESIZER, LOCAL BUFFER, LOCAL DIVIDER and CLOCK
BUFFER), the Transmitting Data Generation Circuit (DAC S/P IF, DAC and SMOOTHING FILTER), the
Transmitting Pre-amplifier Circuit (DRIVER AMP), the Reference Voltage Generation Circuit (VREF), the
Internal Low Voltage Generation Circuit (LDO) and the Digital Control Circuit (DGITAL CONTROL).
Analog Receiving Circuit 1 (LNA: Low Noise Linear Amplifier)
Amplify received RF signal in low noise. An automatic gain controlling (AGC) function that
automatically switches operation mode according to the input signal level is implemented to prevent
degradation of distortion characteristics in strong input environment. An external matching circuit is
needed at input/output of the LNA. An external filter can be added between the LNA and the MIXER
blocks depending on the Image suppression characteristic demands.
Analog Receiving Circuit 2 (MIXER, PGA, AAF)
The direct conversion type MIXER down coverts RF signal that is amplified by LNA. The MIXER is
operated by two local signals with 90 degrees phase difference, and it generates Ich/Qch baseband
signal. A matching circuit is necessary at the MIXER input. The PGA (programmable gain amplifier)
is composed by a first-order low-pass filter that is able to change the gain by register settings. It
amplifies the dynamic range by keeping the input level of the ADC after this block. The PGA has an
AGC function that changes PGA gain automatically according to input signal level. The AAF is
composed by a third-order low-pass filter (Fc=100kHz). It is an anti-aliasing filter that prevents
aliasing at the ADC after this block. An analog filter is composed by the PGA and the AAF reducing
blocking signals on ADC input.
LOCAL
DIVIDER
1/(1,2,4,8)
LNA
LNACONT
MIXER
PGA
AAF
DIGITAL CONTROL
DC OFFSET
CAL
DC OFFSET
CAL
1/4
LNAIN
DRIVER AMP
RFOUT_N
RFOUT_P
BALUN
BIAS1
BIAS2
VREF2
VREF1
TEST2
+90
0
FRACTIONAL-N
PLL SYNTHESIZER
ΔΣ
MODULATOR
R COUNTER
PHASE
FREQUENCY
DETECTOR
CHARGE
PUMP
N DIVIDER
LOOP
FILTER
VCO
LPF
VREF
LDO
to power amplifier
from antenna and/or top filter
matching circuit and/or optional BPF
AGC
(LNA & PGA)
I+
Q+
I-
Q-
RSSI
MCU/DSP
24-bit
ΔΣ ADC
24-bit
ΔΣ ADC
LOCAL
BUFFER
CLOCK
BUFFER
DIGITAL FILTER
AD_SDO
AD_SCLK
AD_FS
DA_SDI
DA_SCLK
DA_FS
SMFOUT
TEST1
MCU/
DSP
to VCO modulation
ADC
P/S IF
DAC
S/P IF
12-bit
DAC
SMF


Similar Part No. - AK2401

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
   Direct Conversion Transceiver
More results

Similar Description - AK2401

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2401A AKM-AK2401A Datasheet
864Kb / 21P
   Direct Conversion Transceiver
logo
Intersil Corporation
ISL3680 INTERSIL-ISL3680 Datasheet
44Kb / 1P
   Direct Conversion Transceiver
ISL3684 INTERSIL-ISL3684 Datasheet
19Kb / 1P
   Direct Down Conversion Transceiver
ISL3690 INTERSIL-ISL3690 Datasheet
36Kb / 1P
   Dual Band Direct Conversion Transceiver
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
   Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
   Direct-Conversion Tuner IC
Rev 1; 6/05
MAX3580 MAXIM-MAX3580 Datasheet
418Kb / 21P
   Direct-Conversion TV Tuner
Rev 0; 7/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com