Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1688 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # LX1688
Description  MULTIPLE LAMP CCFL CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1688 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button LX1688 Datasheet HTML 6Page - Microsemi Corporation LX1688 Datasheet HTML 7Page - Microsemi Corporation LX1688 Datasheet HTML 8Page - Microsemi Corporation LX1688 Datasheet HTML 9Page - Microsemi Corporation LX1688 Datasheet HTML 10Page - Microsemi Corporation LX1688 Datasheet HTML 11Page - Microsemi Corporation LX1688 Datasheet HTML 12Page - Microsemi Corporation LX1688 Datasheet HTML 13Page - Microsemi Corporation LX1688 Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Microsemi
Integrated Products, Power Management
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 10
Copyright
 2001
Rev. 1.1a, 2003-03-21
RangeMAX™
LX1688
MULTIPLE LAMP CCFL CONTROLLER
I N T E GRA T ED
PR ODUC T S
APPLICATION INFORMATION
Application example with LX1688
This section will highlight the features of LX1688
controller by showing a practical example. Three
identical inverter modules are connected to each other
and each module drives a single lamp. One module
configured as a master and two others configured as
slaves.
A complete schematic hooked up a a master is given in
Figure 1, the schematic provides all necessary functions
such as high voltage feedback for regulation the peak
lamp voltage, short-circuit protection, open lamp sensing
and lamp current regulation needed for a typical
application. The section follows with measurement
waveforms and list of material of the actual modules. For
more detail design procedure and circuit description
please refer to application note (AN-13), which is
available in Microsemi’s web site.
Input Voltage
The LX1688 controller can operate at 3.3 to 5.0V
±10%, in this application all modules were driven by the
same power voltage (a constant 5.0V), which provides
VDD for controllers, and input voltage for the power
section. Notice that VDD feeds all analog signals and
VDD_P feeds only the output driver stage, these two
signals should be filtered separately (Figure 1).
Setting lamp frequency
The value of R1 determines magnitude of internal
current sources that set timing parameters. Equation (2)
gives the relationship between Lamp frequency (FLAMP)
and (RI_R), R1 in schematic. For this application we
choose R6=80.6 Kohm, which results to a lamp
frequency at 62.0 KHz.
Dimming
The LX1688 includes highly integrated universal
‘PWM or DC’ dim input that allows either a PWM or DC
input without requiring external conditioning.
In this application we choose Digital Dimming by
applying a PWM signal to BRITE pin.
All modules were driven by the same PWM signals,
but notice that it is possible to dim each module quite
separately.
BEPOL pin has three different modes (see table 1), in
this application it is connected to VDD which means
active high enable with active high full brightness.
The PWM signal can be varied in frequency between
48-320 HZ. No capacitor between CPWM1 and CPWM2
is necessary.
Setting Master/Slave configuration
Simply connecting pin 14 to the ground for a master and
to the VDD for a slave will do master and slave
configuration. As shown in figure 2, module (A) configured
as master and modules (B) and (C) configured as slaves.
Synchronization of Frequency and Phase
To synchronize the Lamp frequency and phase of all
modules, it is required to connect the RMP_RST pin of all
the modules together and connect PHA_SYNC pin of all the
modules together.
Layout consideration
By designing the layout in a proper way we can reduce the
overall noise and EMI for the module.
The gate drivers for MOSFETs should have an
independent loop that doesn’t interface with the more
sensitive analog control function, therefore LX1688
provides two power inputs with separate ground pins
(analog/signal), VDD feeds all analog signals and VDD_P
feeds only the output drivers, as shown in figure1 these two
pins (pin 23, 24) are separated and filtered by R14, C2 and
C7. The connection of two ground pins should be at only
one point as shown in figure1.
The power traces should be short and wide as possible and
all periphery components such capacitors should be located
as closed as possible to the controller.
Oscilloscope Waveforms Pictures
The following oscilloscope waveform pictures are taken
from the actual circuits and will show the operation of the
modules in different modes when three identical modules
are synchronized, one as a master, and two others as slaves.


Similar Part No. - LX1688

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1688 MICROSEMI-LX1688 Datasheet
489Kb / 16P
   Multiple Lamp CCFL Controller
LX1688CPW MICROSEMI-LX1688CPW Datasheet
489Kb / 16P
   Multiple Lamp CCFL Controller
LX1688CPW-TR MICROSEMI-LX1688CPW-TR Datasheet
489Kb / 16P
   Multiple Lamp CCFL Controller
LX1688IPW MICROSEMI-LX1688IPW Datasheet
489Kb / 16P
   Multiple Lamp CCFL Controller
LX1688IPW-TR MICROSEMI-LX1688IPW-TR Datasheet
489Kb / 16P
   Multiple Lamp CCFL Controller
More results

Similar Description - LX1688

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1688 MICROSEMI-LX1688_06 Datasheet
489Kb / 16P
   Multiple Lamp CCFL Controller
LX6501 MICROSEMI-LX6501 Datasheet
81Kb / 2P
   TM High Performance Multi-Lamp CCFL Controller
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
logo
Intersil Corporation
ISL6884 INTERSIL-ISL6884 Datasheet
256Kb / 13P
   CCFL Brightness Controller
logo
Renesas Technology Corp
ISL6884 RENESAS-ISL6884 Datasheet
557Kb / 13P
   CCFL Brightness Controller
logo
Asahi Kasei Microsystem...
AME9002 AKM-AME9002 Datasheet
815Kb / 37P
   CCFL Backlight Controller
logo
Vishay Siliconix
CCFL VISHAY-CCFL Datasheet
124Kb / 5P
   Inverter for CCFL Lamp
Revision 01-Oct-02
logo
Asahi Kasei Microsystem...
AME9003 AKM-AME9003 Datasheet
260Kb / 39P
   CCFL Backlight Controller
logo
Microsemi Corporation
LX6503A MICROSEMI-LX6503A Datasheet
363Kb / 2P
   High Performance CCFL Controller
LX6512 MICROSEMI-LX6512 Datasheet
101Kb / 2P
   High Performance CCFL controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com