Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMC0812F1-03G Datasheet(PDF) 8 Page - Anaren Microwave

Part # XMC0812F1-03G
Description  Tight Amplitude Balance
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XMC0812F1-03G Datasheet(HTML) 8 Page - Anaren Microwave

Back Button XMC0812F1-03G Datasheet HTML 4Page - Anaren Microwave XMC0812F1-03G Datasheet HTML 5Page - Anaren Microwave XMC0812F1-03G Datasheet HTML 6Page - Anaren Microwave XMC0812F1-03G Datasheet HTML 7Page - Anaren Microwave XMC0812F1-03G Datasheet HTML 8Page - Anaren Microwave XMC0812F1-03G Datasheet HTML 9Page - Anaren Microwave XMC0812F1-03G Datasheet HTML 10Page - Anaren Microwave XMC0812F1-03G Datasheet HTML 11Page - Anaren Microwave XMC0812F1-03G Datasheet HTML 12Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model XMC0812F1-03G
Prelim
Notice that the board layout for the 3dB couplers is different from that of the 30dB couplers. The test board for the
3dB couplers has all four traces interfacing with the coupler at the same angle. The test board for the 30dB couplers
has two traces approaching at one angle and the other two traces at a different angle. The entry angle of the traces
has a significant impact on the RF performance and these parts have been optimized for the layout used on
the test boards shown below.
3 dB Test Board
Testing Sample Parts Supplied on Anaren Test Boards
If you have received a coupler installed on an Anaren produced microstrip test board, please remember to remove the
loss of the test board from the measured data. The loss is small enough that it is not of concern for Return Loss and
Isolation/Directivity, but it should certainly be considered when measuring coupling and calculating the insertion loss
of the coupler. An S-
parameter file for a “Thru” board (see description of “Thru” board above) will be supplied upon
request. As a first order approximation, one should consider the following loss estimates:
Frequency Band
Avg. Ins. Loss of Test Board @ 25C
8000-10000 MHz
~0.67dB
10000-12000 MHz
~0.82dB
The loss estimates in the table above come from room temperature measurements. It is important to note that the
loss of the test board will change with temperature. This fact must be considered if the coupler is to be evaluated at
other temperatures.


Similar Part No. - XMC0812F1-03G

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XMC0812F1-20G ANAREN-XMC0812F1-20G Datasheet
614Kb / 2P
   Directional Coupler 20 dB
More results

Similar Description - XMC0812F1-03G

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C20F1-02S ANAREN-X3C20F1-02S Datasheet
868Kb / 18P
   Tight Amplitude Balance
X3C25P1-02S ANAREN-X3C25P1-02S Datasheet
957Kb / 18P
   Tight Amplitude Balance
X3C19F1-03S ANAREN-X3C19F1-03S Datasheet
1Mb / 18P
   Tight Amplitude Balance
XC0900L-03 ANAREN-XC0900L-03 Datasheet
600Kb / 24P
   Tight Amplitude Balance
XMC0204F1-03G ANAREN-XMC0204F1-03G Datasheet
1Mb / 17P
   Tight Amplitude Balance
X3C07F1-02S ANAREN-X3C07F1-02S Datasheet
864Kb / 18P
   Tight Amplitude Balance
XMC0102F1-03G ANAREN-XMC0102F1-03G Datasheet
249Kb / 2P
   Tight Amplitude Balance
X3C20F1-05S ANAREN-X3C20F1-05S Datasheet
211Kb / 2P
   Tight Amplitude Balance
X3C07F1-03S ANAREN-X3C07F1-03S Datasheet
1Mb / 18P
   Tight Amplitude Balance
X3C35F1-03S ANAREN-X3C35F1-03S Datasheet
1Mb / 18P
   Tight Amplitude Balance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com