Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5910 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5910
Description  DC to 6 GHz, ??5 dB Envelope Threshold Detector/Trigger
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5910 Datasheet(HTML) 2 Page - Analog Devices

  ADL5910 Datasheet HTML 1Page - Analog Devices ADL5910 Datasheet HTML 2Page - Analog Devices ADL5910 Datasheet HTML 3Page - Analog Devices ADL5910 Datasheet HTML 4Page - Analog Devices ADL5910 Datasheet HTML 5Page - Analog Devices ADL5910 Datasheet HTML 6Page - Analog Devices ADL5910 Datasheet HTML 7Page - Analog Devices ADL5910 Datasheet HTML 8Page - Analog Devices ADL5910 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ADL5910
Data Sheet
Rev. 0 | Page 2 of 22
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 7
Thermal Resistance ...................................................................... 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ............................................. 9
Theory of Operation ...................................................................... 11
Basic Connections...................................................................... 11
Q and Q Response Time ........................................................... 12
Setting the VIN− Threshold Detection Voltage........................ 13
Applications Information .............................................................. 16
A Complete Input Protection Circuit...................................... 16
Reset on Enable or at Power-Up............................................... 17
Improving Frequency Flatness ................................................. 17
Evaluation Board ............................................................................ 19
Outline Dimensions....................................................................... 22
Ordering Guide .......................................................................... 22
REVISION HISTORY
4/2017—Revision 0: Initial Version


Similar Part No. - ADL5910

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5902 AD-ADL5902 Datasheet
160Kb / 5P
   Software-Calibrated, 50 MHz to 9 GHz, RF Power Measurement System
REV. A
ADL5902-EVALZ AD-ADL5902-EVALZ Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
ADL5902-EVALZ AD-ADL5902-EVALZ Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
ADL5902ACPZ-R2 AD-ADL5902ACPZ-R2 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
More results

Similar Description - ADL5910

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5511 AD-ADL5511_14 Datasheet
1Mb / 29P
   DC to 6 GHz Envelope and TruPwr RMS Detector
ADL5511ACPZ AD-ADL5511ACPZ Datasheet
1Mb / 28P
   DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
logo
Teledyne Technologies I...
PSD600225 TELEDYNE-PSD600225 Datasheet
92Kb / 4P
   Threshold Detector .1 to 6 GHz
logo
Analog Devices
ADL6010 AD-ADL6010 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010_17 Datasheet
1Mb / 22P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
ADL6010 AD-ADL6010_V01 Datasheet
1Mb / 23P
   Fast Responding, 45 dB Range, 0.5 GHz to 43.5 GHz Envelope Detector
Rev. E
logo
Teledyne Technologies I...
DTC4001 TELEDYNE-DTC4001 Datasheet
364Kb / 2P
   0.01 TO 4.0 GHz THRESHOLD DETECTOR
DTQ6001 TELEDYNE-DTQ6001 Datasheet
269Kb / 2P
   0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTS8003 TELEDYNE-DTS8003 Datasheet
301Kb / 2P
   0.1 TO 8.0 GHz THRESHOLD DETECTOR
DTCH4003 TELEDYNE-DTCH4003 Datasheet
143Kb / 1P
   0.01 TO 4.0 GHz THRESHOLD DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com