Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SWE6120E Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SWE6120E
Description  Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SWE6120E Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SWE6120E Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
43A
36A
24A
12A
4.8A
2.4A
1.2A
0.6A
5.10
6.90
5.70
6.00
6.30
6.60
5.40
4.80
4.50
(h)
(min)
40
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
3.90
4.20
R
Nominal Voltage
Rated capacity (20 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(20hour rate)
Terminal
Cycle
Float
Weight Approx
Capacity
25℃(77℉)
Internal Resistance
Charge
(constant
Voltage)
12.0 AH
11.0 AH
10.2 AH
7.20 AH
4.8 A
10 mΩ
40℃(104℉)
25℃(77℉)
0℃(32℉)
-15℃(5℉)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T1、T2
Initial Charging Current less than 4.8 A
Voltage 7.05-7.20 V
Voltage 6.75-6.90 V
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25℃(77℉)
5min
1h
2h
3h
4h
5h
8h
10h
20h
10min
15min
30min
4.80V
5.10V
5.25V
5.40V
5.55V
6 V
12 Ah
100 mm(3.94 inches)
94 mm(3.70 inches)
151 mm(5.94 inches)
50 mm(1.97 inches)
2.1 Kg(4.60 lbs)
20 hour rate(0.60A)
10 hour rate(1.10A)
5 hour rate(2.04A)
1 hour rate(7.20A)
SW6120E(6V12AH)
7.20
41.5
6.76
39.0
6.54
37.8
6.32
36.8
6.10
36.3
4.20
24.3
4.03
23.3
3.95
22.9
3.85
22.4
3.75
22.2
3.09
17.9
3.00
17.4
2.95
17.1
2.90
16.9
2.75
16.4
2.48
14.4
2.40
13.9
2.28
13.2
2.24
13.0
2.20
13.0
2.11
12.2
2.06
12.0
2.04
11.9
1.95
11.4
1.87
11.1
1.39
8.0
1.37
7.9
1.35
7.8
1.31
7.5
1.28
7.2
1.13
6.6
1.1
6.5
1.10
6.4
1.07
6.3
1.05
6.1
0.62
3.60
0.61
3.50
0.60
3.48
0.59
3.40
0.57
3.38
151
50
3.2
6.35
1.5 hour discharge to 5.25 V
Full charged Battery at 25℃(77℉)
Self-Discharge
at 25
(77
)
Specifications
Characteristics
Outer dimensions (mm)
Terminal Type (mm)
Discharge Curves 25℃(77℉)
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
Sw61
20
(6V1
2AH
)
43.2
27.1
21.0
13.8
254.7
160.0
121.0
73.2
39.6
26.5
19.3
13.1
239.7
157.5
113.7
72.8
36.7
25.3
18.0
12.7
231.5
147.0
108.8
72.0
33.4
24.2
16.8
12.1
221.0
142.5
104.7
71.7
28.9
22.8
15.6
11.3
172.2
137.7
99.8
71.3


Similar Part No. - SWE6120E

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SWE6120 SUNNYWAY-SWE6120 Datasheet
347Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE61200 SUNNYWAY-SWE61200_17 Datasheet
421Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results

Similar Description - SWE6120E

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SWE6420 SUNNYWAY-SWE6420_17 Datasheet
299Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE61200 SUNNYWAY-SWE61200_17 Datasheet
421Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE62250 SUNNYWAY-SWE62250_17 Datasheet
397Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12200 SUNNYWAY-SW12200_17 Datasheet
487Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW122500 SUNNYWAY-SW122500_17 Datasheet
345Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW220000 SUNNYWAY-SW220000_17 Datasheet
649Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE1240 SUNNYWAY-SWE1240_17 Datasheet
280Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE12550 SUNNYWAY-SWE12550_17 Datasheet
363Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12800E SUNNYWAY-SW12800E_17 Datasheet
521Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW22500 SUNNYWAY-SW22500_17 Datasheet
540Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW22500E SUNNYWAY-SW22500E_17 Datasheet
477Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com