Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKL4108A Datasheet(PDF) 3 Page - International Rectifier

Part # IRKL4108A
Description  THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKL4108A Datasheet(HTML) 3 Page - International Rectifier

  IRKL4108A Datasheet HTML 1Page - International Rectifier IRKL4108A Datasheet HTML 2Page - International Rectifier IRKL4108A Datasheet HTML 3Page - International Rectifier IRKL4108A Datasheet HTML 4Page - International Rectifier IRKL4108A Datasheet HTML 5Page - International Rectifier IRKL4108A Datasheet HTML 6Page - International Rectifier IRKL4108A Datasheet HTML 7Page - International Rectifier IRKL4108A Datasheet HTML 8Page - International Rectifier IRKL4108A Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRK.41, .56 Series
3
Bulletin I27131 rev. G 10/02
www.irf.com
A mounting compound is recommended
and the torque should be rechecked after a
period of 3 hours to allow for the spread of
the compound
T
J
Junction operating
temperature range
T
stg
Storage temp. range
- 40 to 125
R
thJC
Max. internal thermal
resistance, junction
0.23
0.20
Per module, DC operation
to case
R
thCS
Typical thermal resistance
case to heatsink
T
Mounting torque ± 10%
to heatsink
5
busbar
3
wt
Approximate weight
110 (4)
gr (oz)
Case style
TO-240AA
JEDEC
Thermal and Mechanical Specifications
Parameters
IRK.41
IRK.56
Units
Conditions
- 40 to 125
0.1
(5) Available with dv/dt = 1000V/
µs, to complete code add S90 i.e. IRKT41/16AS90.
°C
K/W
Nm
Mounting surface flat, smooth and greased
I
RRM
Max. peak reverse and
I
DRM
off-state leakage current
at VRRM, VDRM
2500 (1 min)
50 Hz, circuit to base, all terminals
3500 (1 sec)
shorted
dv/dt
Max. critical rate of rise
T
J
= 125oC, linear to 0.67 V
DRM
,
of off-state voltage (5)
gate open circuit
15
mA
T
J
= 125 oC, gate open circuit
500
V/
µs
Blocking
V
INS
RMS isolation voltage
V
Triggering
P
GM
Max. peak gate power
10
10
P
G(AV)
Max. average gate power
2.5
2.5
I
GM
Max. peak gate current
2.5
2.5
A
-V
GM
Max. peak negative
gate voltage
4.0
TJ = - 40°C
2.5
TJ = 25°C
1.7
TJ = 125°C
270
TJ = - 40°C
150
mA
TJ = 25°C
80
TJ = 125°C
V
GD
Max. gate voltage
that will not trigger
I
GD
Max. gate current
that will not trigger
Parameters
IRK.41
IRK.56
Units
Conditions
0.25
V
6mA
Anode supply = 6V
resistive load
V
GT
Max. gate voltage
required to trigger
Anode supply = 6V
resistive load
I
GT
Max. gate current
required to trigger
W
V
10
T
J
= 125oC,
rated V
DRM
applied
T
J
= 125oC,
rated V
DRM
applied
Parameters
IRK.41
IRK.56
Units
Conditions
Sine half wave conduction
Rect. wave conduction
Devices
Units
180o
120o
90o
60o
30o
180o
120o
90o
60o
30o
IRK.41
0.11
0.13
0.17
0.23
0.34
0.09
0.14
0.18
0.23
0.34
IRK.56
0.09
0.11
0.13
0.18
0.27
0.07
0.11
0.14
0.19
0.28
°C/W
∆R Conduction (per Junction)
(The following table shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC)


Similar Part No. - IRKL4108A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKL430-16 IRF-IRKL430-16 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
IRKL430-18 IRF-IRKL430-18 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
IRKL430-20 IRF-IRKL430-20 Datasheet
104Kb / 8P
   SUPER MAGN-A-pak-TM Power Modules
More results

Similar Description - IRKL4108A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
   THYRISTOR / DIODE and THYRISTOR / THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
NKT1000 NELLSEMI-NKT1000 Datasheet
673Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
logo
International Rectifier
IRKT26 IRF-IRKT26 Datasheet
146Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT71 IRF-IRKT71 Datasheet
319Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT136 IRF-IRKT136 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com