Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SWE1290 Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SWE1290
Description  Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SWE1290 Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SWE1290_17 Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.40Kg (5.30
R
Nominal Voltage
Rated capacity (20 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(20hour rate)
Terminal
Cycle
Float
Weight Approx
12V
9.0 Ah
100mm (3.94 inches)
94mm (3.70 inches)
151mm (5.94 inches)
65mm (2.56 inches)
lbs)
Capacity
25
(77
)
Internal Resistance
Charge
(constant
Voltage)
20 hour rate(0.45 A)
10 hour rate(0.83A)
5 hour rate(1.53 A)
1 hour rate(5.40 A)
9.00 AH
8.30AH
7.65 AH
5.40 AH
Full charged Battery at 25 (77 ) 17 m
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T2 or T1
Initial Charging Current less than3.60A
Voltage 14.40-14.70V
Voltage 13.50-13.80V
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
(77
)
5min
1h
2h
3h
4h
5h
8h
10h
20h
10min
15min
30min
9.60V
10.20V
10.50V
10.80V
11.10V
SWE1290(12V9.0AH)
8.4
7.8
0
1
2
4
6
8
10
4
6
8
10
2
20
40 60
20
40
9.0
9.6
10.8
13.2
12.6
12.0
11.4
13.8
10.2
0.45A
0.90A
1.8A
3.6A
9.0A
18A
27A
29A
Self-Discharge
at 25
(77
)
Specifications
Characteristics
Outer dimensions (mm)
Discharge Curves 25 (77 )
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
20
40
60
80
100
120
100%DOD
50%DOD
70%DOD
30%DOD
0
200
400
600
800
1000
1200
1400
Number of cycles(cycles)
1600
Idis=0.25C
3h
Idis=0.25C
2h
Idis=0.25C
1.5h
Idis=0.25C
1.0h
Ich=0.10C
9h
Ich=0.10C
6h
Ich=0.10C
4.5h
Ich=0.10C
3.0h
Curves of cycle life(25 )
151
65
Terminal Type (mm)
3.4
7.85
3.2
6.35


Similar Part No. - SWE1290_17

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SWE12900 SUNNYWAY-SWE12900 Datasheet
458Kb / 1P
   Deep cycle battery
SWE12900 SUNNYWAY-SWE12900_17 Datasheet
370Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results

Similar Description - SWE1290_17

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SWE6420 SUNNYWAY-SWE6420_17 Datasheet
299Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE61200 SUNNYWAY-SWE61200_17 Datasheet
421Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE62250 SUNNYWAY-SWE62250_17 Datasheet
397Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12200 SUNNYWAY-SW12200_17 Datasheet
487Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW122500 SUNNYWAY-SW122500_17 Datasheet
345Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW220000 SUNNYWAY-SW220000_17 Datasheet
649Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE1240 SUNNYWAY-SWE1240_17 Datasheet
280Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SWE12550 SUNNYWAY-SWE12550_17 Datasheet
363Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12800E SUNNYWAY-SW12800E_17 Datasheet
521Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW22500 SUNNYWAY-SW22500_17 Datasheet
540Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW22500E SUNNYWAY-SW22500E_17 Datasheet
477Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com