Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L513IDT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # L513IDT
Description  2.5 X 5MM RECTANGULAR SOLID LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L513IDT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  L513IDT Datasheet HTML 1Page - List of Unclassifed Manufacturers L513IDT Datasheet HTML 2Page - List of Unclassifed Manufacturers L513IDT Datasheet HTML 3Page - List of Unclassifed Manufacturers L513IDT Datasheet HTML 4Page - List of Unclassifed Manufacturers L513IDT Datasheet HTML 5Page - List of Unclassifed Manufacturers L513IDT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPEC NO: CDA0741
REV NO: V.1
DATE: NOV/11/2001
PAGE: 3 OF 6
APPROVED: J.LU
CHECKED:
DRAWN: S.H.CHEN
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
t
h
g
ir
Bt
h
g
ir
B
t
h
g
ir
B
t
h
g
ir
Bt
h
g
ir
B
d
e
R
h
g
i
Hh
g
i
H h
g
i
H h
g
i
Hh
g
i
H
y
c
n
e
i
c
if
f
E
d
e
R
e
g
n
a
r
Oe
g
n
a
r
O
e
g
n
a
r
O
e
g
n
a
r
Oe
g
n
a
r
On
e
e
r
Gn
e
e
r
G
n
e
e
r
G
n
e
e
r
Gn
e
e
r
Gw
o
ll
e
Yw
o
ll
e
Y
w
o
ll
e
Y
w
o
ll
e
Yw
o
ll
e
Y
r
e
p
u
Sr
e
p
u
S
r
e
p
u
S
r
e
p
u
Sr
e
p
u
S
t
h
g
ir
B
n
e
e
r
G
s
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P0
2
15
0
15
0
15
0
15
0
15
0
1W
m
t
n
e
rr
u
C
d
r
a
w
r
o
F
C
D5
20
30
35
20
35
2A
m
]
1
[
t
n
e
rr
u
C
d
r
a
w
r
o
F
k
a
e
P0
2
10
6
10
6
10
4
10
4
10
4
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R
555555
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
r
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C
Bright Red L513HDT


Similar Part No. - L513IDT

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
L513 CRYDOM-L513 Datasheet
585Kb / 4P
   Power Modules
logo
List of Unclassifed Man...
L513F ETC2-L513F Datasheet
171Kb / 1P
   Low Profile Designed for PCB Connections
logo
Crydom Inc.,
L513F CRYDOM-L513F Datasheet
585Kb / 4P
   Power Modules
More results

Similar Description - L513IDT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-513 KINGBRIGHT-L-513 Datasheet
178Kb / 6P
   2.5 X 5MM RECTANGULAR SOLID LAMPS
logo
List of Unclassifed Man...
L173 ETC-L173 Datasheet
163Kb / 5P
   2.5 X 5 MM RECTANGULAR SOLID LAMPS
logo
Fairchild Semiconductor
HLMP-0300 FAIRCHILD-HLMP-0300 Datasheet
36Kb / 4P
   2.5 X 7.4 mm RECTANGULAR SOLID STATE LAMPS
logo
Chicago Miniature Lamp,...
4306D CML-4306D Datasheet
25Kb / 1P
   Solid State LED Lamps-Rectangular 2 x 5mm
CMD53123 CML-CMD53123 Datasheet
61Kb / 1P
   2 x 5mm Rectangular LED Lamps
logo
List of Unclassifed Man...
E914 ETC-E914 Datasheet
167Kb / 5P
   2 x 3mm RECTANGULAR SOLID LAMPS
L-914 ETC-L-914 Datasheet
179Kb / 6P
   RECTANGULAR SOLID LAMPS
L113HDT ETC-L113HDT Datasheet
179Kb / 6P
   2 X 5 MM RECTANGULAR SOLID LAMPS
logo
Broadcom Corporation.
HLMP-R100 BOARDCOM-HLMP-R100 Datasheet
223Kb / 8P
   2.5 mm x 7.6 mm Rectangular LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-R100 HP-HLMP-R100 Datasheet
146Kb / 4P
   2.5 mm x 7.6 mm Rectangular LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com