Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWY87C-T1U1-3K8L Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LWY87C-T1U1-3K8L
Description  Micro SIDELED 3010
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWY87C-T1U1-3K8L Datasheet(HTML) 1 Page - OSRAM GmbH

  LWY87C-T1U1-3K8L Datasheet HTML 1Page - OSRAM GmbH LWY87C-T1U1-3K8L Datasheet HTML 2Page - OSRAM GmbH LWY87C-T1U1-3K8L Datasheet HTML 3Page - OSRAM GmbH LWY87C-T1U1-3K8L Datasheet HTML 4Page - OSRAM GmbH LWY87C-T1U1-3K8L Datasheet HTML 5Page - OSRAM GmbH LWY87C-T1U1-3K8L Datasheet HTML 6Page - OSRAM GmbH LWY87C-T1U1-3K8L Datasheet HTML 7Page - OSRAM GmbH LWY87C-T1U1-3K8L Datasheet HTML 8Page - OSRAM GmbH LWY87C-T1U1-3K8L Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2016-02-01
1
2016-02-01
Micro SIDELED 3010
Datasheet
Version 2.2
LW Y87C
Features:
Besondere Merkmale:
Package: white SMT package, colored diffused
resin
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Verguss
Technology: InGaN
Technologie: InGaN
Viewing angle at 50 % IV: 120° (horizontal); 120°
(vertical)
Abstrahlwinkel bei 50 % IV: 120° (horizontal);
120° (vertical)
Color: Cx = 0.33, Cy = 0.33 acc. to CIE 1931
(white)
Farbe: Cx = 0.33, Cy = 0.33 nach CIE 1931 (weiß)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Backlighting
Hinterleuchtung
Signal and Symbol Luminary
Signal- und Symbolleuchten


Similar Part No. - LWY87C-T1U1-3K8L

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWY87C-T1U1-3K8L OSRAM-LWY87C-T1U1-3K8L Datasheet
607Kb / 22P
   white SMT package
More results

Similar Description - LWY87C-T1U1-3K8L

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTY87S OSRAM-LTY87S_17 Datasheet
590Kb / 21P
   Micro SIDELED 3010
LSY876 OSRAM-LSY876_14 Datasheet
501Kb / 20P
   Micro SIDELED 3010
LYY876 OSRAM-LYY876 Datasheet
504Kb / 20P
   Micro SIDELED 3010
LS-Y876-Q2S1-1-Z OSRAM-LS-Y876-Q2S1-1-Z Datasheet
501Kb / 20P
   Micro SIDELED 3010
LTY8SG OSRAM-LTY8SG Datasheet
536Kb / 21P
   Micro SIDELED 3010
LY-Y876-Q2T1-26-Z OSRAM-LY-Y876-Q2T1-26-Z Datasheet
504Kb / 20P
   Micro SIDELED 3010
LYY8SF OSRAM-LYY8SF Datasheet
981Kb / 22P
   Micro SIDELED
LBY8SG OSRAM-LBY8SG Datasheet
611Kb / 21P
   Micro SIDELED
LWY1SG OSRAM-LWY1SG_15 Datasheet
551Kb / 22P
   Micro SIDELED 2808
LW-Y1SG-BFCF-EKFM OSRAM-LW-Y1SG-BFCF-EKFM Datasheet
551Kb / 22P
   Micro SIDELED 2808
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com