Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LW-Y1SG-BFCF-EKFM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LW-Y1SG-BFCF-EKFM
Description  Micro SIDELED 2808
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW-Y1SG-BFCF-EKFM Datasheet(HTML) 1 Page - OSRAM GmbH

  LW-Y1SG-BFCF-EKFM Datasheet HTML 1Page - OSRAM GmbH LW-Y1SG-BFCF-EKFM Datasheet HTML 2Page - OSRAM GmbH LW-Y1SG-BFCF-EKFM Datasheet HTML 3Page - OSRAM GmbH LW-Y1SG-BFCF-EKFM Datasheet HTML 4Page - OSRAM GmbH LW-Y1SG-BFCF-EKFM Datasheet HTML 5Page - OSRAM GmbH LW-Y1SG-BFCF-EKFM Datasheet HTML 6Page - OSRAM GmbH LW-Y1SG-BFCF-EKFM Datasheet HTML 7Page - OSRAM GmbH LW-Y1SG-BFCF-EKFM Datasheet HTML 8Page - OSRAM GmbH LW-Y1SG-BFCF-EKFM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2015-06-12
1
2015-06-12
Micro SIDELED 2808
Datasheet
Version 2.5
LW Y1SG
Micro SIDELED is a SMT LED with side emission. Due
to its low package height it is ideal for applications in
limited space environments.
Micro SIDELED ist eine SMT LED mit seitlicher
Abstrahlrichtung. Aufgrund ihrer niedrigen Bauteilhöhe
ist sie ideal für Anwendungen mit begrenztem Raum.
Features:
Besondere Merkmale:
Package: white SMT package, colored diffused
silicone resin
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
Technology: InGaN on Sapphire
Technologie: InGaN on Sapphire
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: Cx = 0.30, Cy = 0.28 acc. to CIE 1931
(white); CTR = 8200 K
Farbe: Cx = 0.30, Cy = 0.28 nach CIE 1931 (weiß);
CTR = 8200 K
Optical efficiency (typ.): 45 lm/W (white)
Optischer Wirkungsgrad (typ.): 45 lm/W (weiß)
Applications
Anwendungen
Backlighting
Hinterleuchtung
Coupling into light guides
Einkopplung in Lichtleiter
Signal and Symbol Luminary
Signal- und Symbolleuchten


Similar Part No. - LW-Y1SG-BFCF-EKFM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LW-Y1SG OSRAM-LW-Y1SG Datasheet
551Kb / 22P
   white SMT package, colored diffused silicone resin
More results

Similar Description - LW-Y1SG-BFCF-EKFM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWY1SG OSRAM-LWY1SG_15 Datasheet
551Kb / 22P
   Micro SIDELED 2808
LYY8SF OSRAM-LYY8SF Datasheet
981Kb / 22P
   Micro SIDELED
LBY8SG OSRAM-LBY8SG Datasheet
611Kb / 21P
   Micro SIDELED
LYY876 OSRAM-LYY876 Datasheet
504Kb / 20P
   Micro SIDELED 3010
LTY87S OSRAM-LTY87S_17 Datasheet
590Kb / 21P
   Micro SIDELED 3010
LSY876 OSRAM-LSY876_14 Datasheet
501Kb / 20P
   Micro SIDELED 3010
LS-Y876-Q2S1-1-Z OSRAM-LS-Y876-Q2S1-1-Z Datasheet
501Kb / 20P
   Micro SIDELED 3010
LTY8SG OSRAM-LTY8SG Datasheet
536Kb / 21P
   Micro SIDELED 3010
LW-Y87C-T1U1-3K8L OSRAM-LW-Y87C-T1U1-3K8L Datasheet
607Kb / 22P
   Micro SIDELED 3010
LY-Y876-Q2T1-26-Z OSRAM-LY-Y876-Q2T1-26-Z Datasheet
504Kb / 20P
   Micro SIDELED 3010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com