Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTA67C-S2V1-35 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LTA67C-S2V1-35
Description  SIDELED
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTA67C-S2V1-35 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LTA67C-S2V1-35 Datasheet HTML 4Page - OSRAM GmbH LTA67C-S2V1-35 Datasheet HTML 5Page - OSRAM GmbH LTA67C-S2V1-35 Datasheet HTML 6Page - OSRAM GmbH LTA67C-S2V1-35 Datasheet HTML 7Page - OSRAM GmbH LTA67C-S2V1-35 Datasheet HTML 8Page - OSRAM GmbH LTA67C-S2V1-35 Datasheet HTML 9Page - OSRAM GmbH LTA67C-S2V1-35 Datasheet HTML 10Page - OSRAM GmbH LTA67C-S2V1-35 Datasheet HTML 11Page - OSRAM GmbH LTA67C-S2V1-35 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
2013-08-30
8
Version 1.1
LT A67C
Forward Current 7) page 18
Durchlassstrom 7) Seite18
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 18 , 8) page 18
Relative Lichtstärke 7) Seite 18 , 8) Seite 18
IV/IV(20 mA) = f(IF); TS = 25 °C
Dominant Wavelength 7) page 18
Dominante Wellenlänge 7) Seite 18
λdom = f(IF); TS = 25 °C
Relative Luminous Intensity 7) page 18
Relative Lichtstärke 7) Seite 18
IV/IV(25)°C = f(Tj); IF = 20 mA
V
OHL01157
1.5
mA
I
F
2.5
3.5
4.5
5.5 V 6.5
F
true green
blue
10
-1
5
10
0
10
5
1
10
5
2
OHL00188
I
F
V
V (20 mA)
I
I
1
10
0
10
-1
10
10
-2
10
1
0
10
2
mA 10
blue
true green
5
5
5
I
OHL00882
510
dom
λ
0
mA
nm
20
40
60
80
120
515
520
525
530
535
540
550
f
true green
OHL12637
-60
0
T
˚C
V (25 ˚C)
I
I
V
-40 -20
0
20 40 60
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
true green
blue
j


Similar Part No. - LTA67C-S2V1-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTA67C-S2V1-35-1 OSRAM-LTA67C-S2V1-35-1 Datasheet
582Kb / 21P
   SIDELED
More results

Similar Description - LTA67C-S2V1-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-325 OSRAM-SFH-325 Datasheet
401Kb / 15P
   SIDELED
LY-A67K-K2M1-26-Z OSRAM-LY-A67K-K2M1-26-Z Datasheet
472Kb / 19P
   SIDELED
LS-A676-P2S1-1-Z OSRAM-LS-A676-P2S1-1-Z Datasheet
448Kb / 19P
   SIDELED
LTA673 OSRAM-LTA673 Datasheet
588Kb / 21P
   SIDELED
LTA67C OSRAM-LTA67C Datasheet
582Kb / 21P
   SIDELED
SFH-325-FA OSRAM-SFH-325-FA Datasheet
396Kb / 14P
   SIDELED
LAA67F OSRAM-LAA67F Datasheet
494Kb / 21P
   SIDELED
LG-A67K-H2K1-24-Z OSRAM-LG-A67K-H2K1-24-Z Datasheet
469Kb / 19P
   SIDELED
logo
Siemens Semiconductor G...
LSA670 SIEMENS-LSA670 Datasheet
61Kb / 8P
   SIDELED
logo
OSRAM GmbH
LR-A67F-U2AB-1-Z OSRAM-LR-A67F-U2AB-1-Z Datasheet
482Kb / 20P
   SIDELED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com