Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP-T776-L1M2-25-Z Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LP-T776-L1M2-25-Z
Description  TOPLED RG
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LP-T776-L1M2-25-Z Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LP-T776-L1M2-25-Z Datasheet HTML 6Page - OSRAM GmbH LP-T776-L1M2-25-Z Datasheet HTML 7Page - OSRAM GmbH LP-T776-L1M2-25-Z Datasheet HTML 8Page - OSRAM GmbH LP-T776-L1M2-25-Z Datasheet HTML 9Page - OSRAM GmbH LP-T776-L1M2-25-Z Datasheet HTML 10Page - OSRAM GmbH LP-T776-L1M2-25-Z Datasheet HTML 11Page - OSRAM GmbH LP-T776-L1M2-25-Z Datasheet HTML 12Page - OSRAM GmbH LP-T776-L1M2-25-Z Datasheet HTML 13Page - OSRAM GmbH LP-T776-L1M2-25-Z Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
2013-08-30
10
Version 1.0 (Replacement in due course)
LP T776
Package Outline 9) page18
Maßzeichnung 9) Seite 18
Approximate Weight:
34 mg
Gewicht:
34 mg
Mark:
bevelled edge (Cathode)
Markierung:
abgeschrägte Ecke (Kathode)
Corrosion robustness:
Test conditions: 40 °C / 90 % rh / 15 ppm H2S / 336 h
= Stricter than IEC 60068-2-43 (H2S) [25°C / 75 % rh
/ 10 ppm H2S / 21 days]
= Regarding relevant gas (H2S) stricter than EN
60068-2-60 (method 4) [25 °C / 75 % rh / 200 ppb
SO2, 200 ppb NO2,10 ppb Cl2 / 21 days]
Korrosionsfestigkeit:
Test Kondition: 40°C / 90 % rh / 15 ppm H2S / 336 h
= Besser als IEC 60068-2-43 (H2S) [25°C / 75 % rh /
10 ppm H2S / 21 Tage]
= Bezogen auf das Gas (H2S) besser als EN
60068-2-60 (method 4) [25°C / 75 % rh / 200ppb
SO2, 200ppb NO2,10ppb Cl2 / 21 Tage]
GPLY6899
0...0.1 (0.004)
Cathode marking
3.0 (0.118)
2.6 (0.102)
2.3 (0.091)
2.1 (0.083)
2.1 (0.083)
1.7 (0.067)
0.6 (0.024)
0.4 (0.016)
1.0 (0.039)
0.9 (0.035)
A
C


Similar Part No. - LP-T776-L1M2-25-Z

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LP-T776 OSRAM-LP-T776 Datasheet
270Kb / 15P
   white SMT package, colorless clear resin
More results

Similar Description - LP-T776-L1M2-25-Z

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST776 OSRAM-LST776 Datasheet
434Kb / 19P
   TOPLED RG
LW-T773-P1S1-5K8L OSRAM-LW-T773-P1S1-5K8L Datasheet
453Kb / 21P
   TOPLED RG
LS-T776-Q1R2-1-Z OSRAM-LS-T776-Q1R2-1-Z Datasheet
434Kb / 19P
   TOPLED RG
LAT776 OSRAM-LAT776 Datasheet
434Kb / 19P
   TOPLED RG
LST77K OSRAM-LST77K Datasheet
457Kb / 19P
   TOPLED RG
logo
Siemens Semiconductor G...
LST770 SIEMENS-LST770 Datasheet
493Kb / 8P
   TOPLED RG
logo
OSRAM GmbH
LYT776 OSRAM-LYT776 Datasheet
435Kb / 19P
   TOPLED RG
logo
Siemens Semiconductor G...
LSM770 SIEMENS-LSM770 Datasheet
488Kb / 8P
   Mini TOPLED RG
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
   Hyper TOPLED RG Hyper-Bright LED
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
   Hyper Mini TOPLED RG Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com