Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP-T776-L1M2-25-Z Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LP-T776-L1M2-25-Z
Description  TOPLED RG
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LP-T776-L1M2-25-Z Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LP-T776-L1M2-25-Z Datasheet HTML 4Page - OSRAM GmbH LP-T776-L1M2-25-Z Datasheet HTML 5Page - OSRAM GmbH LP-T776-L1M2-25-Z Datasheet HTML 6Page - OSRAM GmbH LP-T776-L1M2-25-Z Datasheet HTML 7Page - OSRAM GmbH LP-T776-L1M2-25-Z Datasheet HTML 8Page - OSRAM GmbH LP-T776-L1M2-25-Z Datasheet HTML 9Page - OSRAM GmbH LP-T776-L1M2-25-Z Datasheet HTML 10Page - OSRAM GmbH LP-T776-L1M2-25-Z Datasheet HTML 11Page - OSRAM GmbH LP-T776-L1M2-25-Z Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
2013-08-30
8
Version 1.0 (Replacement in due course)
LP T776
Forward Current 7) page 18
Durchlassstrom 7) Seite18
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 7) page 18 , 8) page 18
Relative Lichtstärke 7) Seite 18 , 8) Seite 18
IV/IV(20 mA) = f(IF); TS = 25 °C
Relative Luminous Intensity 7) page 18
Relative Lichtstärke 7) Seite 18
IV/IV(25)°C = f(Tj); IF = 20 mA
OHL00457
1.4
I
F
V
F
1.6
1.8
2.0
2.2
V 2.6
mA
10-1
100
101
102
OHL03886
(20 mA)
V
V
I
I
I
F
10
0
510
1
10
mA
2
-1
10
10
-2
10
0
1
10
5
5
pure green
T
OHL00475
0
V (25 ˚C)
I
j
I
V
0.5
1.0
1.5
2.0
2.5
3.0
pure-green
-40
˚C
-20
0
20
40
60
100


Similar Part No. - LP-T776-L1M2-25-Z

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LP-T776 OSRAM-LP-T776 Datasheet
270Kb / 15P
   white SMT package, colorless clear resin
More results

Similar Description - LP-T776-L1M2-25-Z

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LST776 OSRAM-LST776 Datasheet
434Kb / 19P
   TOPLED RG
LW-T773-P1S1-5K8L OSRAM-LW-T773-P1S1-5K8L Datasheet
453Kb / 21P
   TOPLED RG
LS-T776-Q1R2-1-Z OSRAM-LS-T776-Q1R2-1-Z Datasheet
434Kb / 19P
   TOPLED RG
LAT776 OSRAM-LAT776 Datasheet
434Kb / 19P
   TOPLED RG
LST77K OSRAM-LST77K Datasheet
457Kb / 19P
   TOPLED RG
logo
Siemens Semiconductor G...
LST770 SIEMENS-LST770 Datasheet
493Kb / 8P
   TOPLED RG
logo
OSRAM GmbH
LYT776 OSRAM-LYT776 Datasheet
435Kb / 19P
   TOPLED RG
logo
Siemens Semiconductor G...
LSM770 SIEMENS-LSM770 Datasheet
488Kb / 8P
   Mini TOPLED RG
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
   Hyper TOPLED RG Hyper-Bright LED
LSM776 SIEMENS-LSM776 Datasheet
340Kb / 7P
   Hyper Mini TOPLED RG Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com