Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LOL29K-H2K1-24 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LOL29K-H2K1-24
Description  SMARTLED
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LOL29K-H2K1-24 Datasheet(HTML) 1 Page - OSRAM GmbH

  LOL29K-H2K1-24 Datasheet HTML 1Page - OSRAM GmbH LOL29K-H2K1-24 Datasheet HTML 2Page - OSRAM GmbH LOL29K-H2K1-24 Datasheet HTML 3Page - OSRAM GmbH LOL29K-H2K1-24 Datasheet HTML 4Page - OSRAM GmbH LOL29K-H2K1-24 Datasheet HTML 5Page - OSRAM GmbH LOL29K-H2K1-24 Datasheet HTML 6Page - OSRAM GmbH LOL29K-H2K1-24 Datasheet HTML 7Page - OSRAM GmbH LOL29K-H2K1-24 Datasheet HTML 8Page - OSRAM GmbH LOL29K-H2K1-24 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2012-10-01
1
2012-10-01
SMARTLED
Datasheet
Version 1.0 (Replacement in due course)
LO L29K
Features:
Besondere Merkmale:
• Package: SMT package 0603, colorless diffused
resin
• Gehäusetyp: SMT Gehäuse 0603, farbloser
diffuser Verguss
• Technology: InGaAlP
• Technologie: InGaAlP
• Viewing angle at 50 % IV: 160°
• Abstrahlwinkel bei 50 % IV: 160°
• Color: orange (606 nm)
• Farbe: orange (606 nm)
• Optical efficiency (typ.): 9 lm/W (orange)
• Optischer Wirkungsgrad (typ.): 9 lm/W (orange)
• ESD - withstand voltage: 2 kV acc. to
JESD22-A114-F
• ESD - Festigkeit: 2 kV nach JESD22-A114-F
Applications
Anwendungen
• LCD Backlighting
• LCD Beleuchtung
•Toys
• Spielsachen
• Signal and Symbol Luminary
• Signal- und Symbolleuchten
• Outdoor displays
• Informationsanzeigen im Außenbereich


Similar Part No. - LOL29K-H2K1-24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOL29K-H2K1-24 OSRAM-LOL29K-H2K1-24 Datasheet
228Kb / 14P
   SmartLED짰 0603 Hyper-Bright Low Current LED Lead (Pb) Free Product - RoHS Compliant
LOL29K-H2K1-24 OSRAM-LOL29K-H2K1-24 Datasheet
388Kb / 20P
   SMARTLED
More results

Similar Description - LOL29K-H2K1-24

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LY-L296-Q2R2-26-Z OSRAM-LY-L296-Q2R2-26-Z Datasheet
394Kb / 20P
   SMARTLED
LT-L29S-P2R1-25-Z OSRAM-LT-L29S-P2R1-25-Z Datasheet
392Kb / 20P
   SMARTLED
LYL296 OSRAM-LYL296_12 Datasheet
394Kb / 20P
   SMARTLED
LY-L29K-J1K2-26-Z OSRAM-LY-L29K-J1K2-26-Z Datasheet
390Kb / 20P
   SMARTLED
LAL296 OSRAM-LAL296_12 Datasheet
388Kb / 20P
   SMARTLED
LOL296 OSRAM-LOL296 Datasheet
393Kb / 20P
   SMARTLED
LOL29K OSRAM-LOL29K Datasheet
388Kb / 20P
   SMARTLED
LW-L283-P2R1-3K8L OSRAM-LW-L283-P2R1-3K8L Datasheet
525Kb / 23P
   SMARTLED 0603
LWL28G OSRAM-LWL28G Datasheet
601Kb / 16P
   SmartLED Enhanced Optical Power Chip
logo
SparkFun Electronics
DEV-15046 SPARKFUN-DEV-15046 Datasheet
191Kb / 3P
   SmartLED Shield V4 for Teensy
11??2??8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com