Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L235-4080AULM5JAI0 Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # L235-4080AULM5JAI0
Description  Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L235-4080AULM5JAI0 Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button L235-4080AULM5JAI0 Datasheet HTML 2Page - Lumileds Lighting Company L235-4080AULM5JAI0 Datasheet HTML 3Page - Lumileds Lighting Company L235-4080AULM5JAI0 Datasheet HTML 4Page - Lumileds Lighting Company L235-4080AULM5JAI0 Datasheet HTML 5Page - Lumileds Lighting Company L235-4080AULM5JAI0 Datasheet HTML 6Page - Lumileds Lighting Company L235-4080AULM5JAI0 Datasheet HTML 7Page - Lumileds Lighting Company L235-4080AULM5JAI0 Datasheet HTML 8Page - Lumileds Lighting Company L235-4080AULM5JAI0 Datasheet HTML 9Page - Lumileds Lighting Company L235-4080AULM5JAI0 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DS142 LUXEON XF-3535L Product Datasheet 20160402 ©2016 Lumileds Holding B.V. All rights reserved.
5
Absolute Maximum Ratings
Table 4 . Absolute maximum ratings for LUXEON XF-3535L .
Parameter
maXImum PerFormance
DC Forward Current [1]
200mA x Number of parallel strings
Peak Pulsed Forward Current [2]
240mA x Number of parallel strings
LED Junction Temperature [3] (DC & Pulse)
125°C
ESD Sensitivity
IEC 61000 4-2 Level 1 (±2kV contact/air discharge)
Operating Case Temperature [4]
-40°C to 85°C
Flex Substrate [5]
105°C
Storage Temperature
<30°C <65%RH for ≤1year
Reverse Voltage (V
reverse)
[6, 7]
-5V x Number of series LEDs
UL Recognition
LUXEON XF-3535L UL recognized for Class 2 drivers.
Substrate and white reflective coating UL94 V0 flammability rated.
LED Shear Force
≥5kgF
Notes for 4:
1. Ripple current with a frequency of 50–150Hz is allowed, as long as the average of the current waveform is below 200mA/LED, and the maximum of the current waveform
is lower than 240mA/LED.
2. At 10% duty cycle and pulse width 10ms.
3. Proper current de-rating must be observed to maintain junction temperature below the maximum.
4. T
S thermal contact point as defined in Application Brief AB203.
5. As per UL746 rating.
6. LUXEON 3535L LEDs are not designed to be driven in reverse bias.
7. At maximum reverse current of 10μA/LED.


Similar Part No. - L235-4080AULM5JAI0

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L235-4080AULM5JAI0 LUMILEDS-L235-4080AULM5JAI0 Datasheet
1Mb / 2P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
L235-4080AULM5JAI0 LUMILEDS-L235-4080AULM5JAI0 Datasheet
2Mb / 18P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
More results

Similar Description - L235-4080AULM5JAI0

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L235-3580AHLGBBAC0 LUMILEDS-L235-3580AHLGBBAC0 Datasheet
2Mb / 18P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
DS142 LUMILEDS-DS142 Datasheet
2Mb / 18P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
PB142 LUMILEDS-PB142 Datasheet
1Mb / 2P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
DS145 LUMILEDS-DS145 Datasheet
2Mb / 14P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
L202-4080033C30000 LUMILEDS-L202-4080033C30000 Datasheet
2Mb / 14P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
PB145 LUMILEDS-PB145 Datasheet
1Mb / 2P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
logo
Zilog, Inc.
ZLFBLST0H2064GRXXXX ZILOG-ZLFBLST0H2064GRXXXX Datasheet
2Mb / 8P
   Your Complete Turnkey Infrared System-on-Chip Solution
logo
List of Unclassifed Man...
SRS-14UL63-HADP-TL ETC2-SRS-14UL63-HADP-TL Datasheet
1Mb / 1P
   Optimized Turnkey Apache Hadoop Cluster
logo
Lumileds Lighting Compa...
L219-2780006FV0C00 LUMILEDS-L219-2780006FV0C00 Datasheet
2Mb / 13P
   Flexible light source distributing uniform light across user selectable lengths
PB156 LUMILEDS-PB156 Datasheet
1Mb / 2P
   Flexible light source distributing uniform light across user selectable lengths
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com