Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L219-2780006FV0C00 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # L219-2780006FV0C00
Description  Flexible light source distributing uniform light across user selectable lengths
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L219-2780006FV0C00 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  L219-2780006FV0C00 Datasheet HTML 1Page - Lumileds Lighting Company L219-2780006FV0C00 Datasheet HTML 2Page - Lumileds Lighting Company L219-2780006FV0C00 Datasheet HTML 3Page - Lumileds Lighting Company L219-2780006FV0C00 Datasheet HTML 4Page - Lumileds Lighting Company L219-2780006FV0C00 Datasheet HTML 5Page - Lumileds Lighting Company L219-2780006FV0C00 Datasheet HTML 6Page - Lumileds Lighting Company L219-2780006FV0C00 Datasheet HTML 7Page - Lumileds Lighting Company L219-2780006FV0C00 Datasheet HTML 8Page - Lumileds Lighting Company L219-2780006FV0C00 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ILLUMINATION
DS156 LUXEON XF-3014 CV Product Datasheet ©2016 Lumileds Holding B.V. All rights reserved.
LUXEON XF-3014 CV is for constant voltage driven applications that
require a flexible design capable of maintaining uniform light distribution
over long lengths. These current regulated flexible strips come in
variable length options and are either cuttable or include snap-together
connectors for precision design. LUXEON XF-3014 CV is designed for ease
of system integration, faster time to market and best-in-class reliability.
LUXEON XF-3014 CV is available in the following configurations:
– 6 LEDs per segment cuttable every 96mm
– 6 LEDs, 96mm segments with connectors
– 30 LEDs, 480mm segments with connectors
LUXEON XF-3014 CV
Flexible light source distributing uniform
light across user selectable lengths
FEATURES AND BENEFITS
PRIMARY APPLICATIONS
112 lumens per 96mm segment with 110 lm/W efficacy at 24V, T
j=50°C
Downlights
2700, 3000 and 4000K CCT offerings with 80CRI
Indoor Area Lighting
<2% light output attenuation over 10m length
– Under Cabinet
Backside adhesive for attachment to heat sink allows for ease of mounting
and assembly
Specialty Lighting
Complete integrated solution guarantees simplified supply chain and faster
time to market
– Cove
5 year limited warranty
– Accent


Similar Part No. - L219-2780006FV0C00

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L219-2780006FV0C00 LUMILEDS-L219-2780006FV0C00 Datasheet
1Mb / 2P
   Flexible light source distributing uniform light across user selectable lengths
L219-2780006FV0C00 LUMILEDS-L219-2780006FV0C00 Datasheet
2Mb / 13P
   Flexible light source distributing uniform light across user selectable lengths
More results

Similar Description - L219-2780006FV0C00

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB156 LUMILEDS-PB156 Datasheet
1Mb / 2P
   Flexible light source distributing uniform light across user selectable lengths
DS156 LUMILEDS-DS156 Datasheet
2Mb / 13P
   Flexible light source distributing uniform light across user selectable lengths
logo
SunLED Corporation
XGURX5D SUNLED-XGURX5D Datasheet
210Kb / 3P
   Uniform light disbursement
XEUR30D SUNLED-XEUR30D Datasheet
222Kb / 3P
   Uniform light disbursement
XEUR2300M SUNLED-XEUR2300M Datasheet
207Kb / 3P
   Uniform light disbursement
XGUGX5D SUNLED-XGUGX5D Datasheet
228Kb / 3P
   Uniform light disbursement
XGURUGX10D SUNLED-XGURUGX10D Datasheet
258Kb / 3P
   Uniform light disbursement
XGUYX10D SUNLED-XGUYX10D Datasheet
230Kb / 3P
   Uniform light disbursement
XEMG30D SUNLED-XEMG30D Datasheet
217Kb / 3P
   Uniform light disbursement
XEMG2500D SUNLED-XEMG2500D Datasheet
225Kb / 3P
   Uniform light disbursement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com