Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

L202-4080033C30000 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part No. L202-4080033C30000
Description  Turnkey solution on a rigid substrate enabling high-efficacy designs
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LUMILEDS [Lumileds Lighting Company]
Homepage  http://www.luxeon.com
Logo 

L202-4080033C30000 Datasheet(HTML) 1 Page - Lumileds Lighting Company

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
IllumInatIon
DS145 LUXEON XR-3535L Product Datasheet ©2015 Lumileds Holding B.V. All rights reserved.
RoHS
COMPLIANT
LUXEON XR-3535L is a fully integrated solution optimized for lighting
applications requiring LED linear arrays mounted on a rigid and thermally
conductive substrate. The turnkey solution minimizes time to market and
simplifies supply chain by reducing optical and mechanical design efforts.
Combined with LUXEON 3535L, the integrated unit provides the same
powerful optical performance guaranteed by LUXEON LEDs. The overall
solution delivers optimized performance in combination with the quality
of light needed for distributed light source applications.
luXEon XR-3535l
Turnkey solution on a rigid substrate
enabling high-efficacy designs
FEatuREs and BEnEFIts
PRImaRy aPPlIcatIons
1400–1500 lumen offerings enabling efficacies of up to 152 lm/W
Indoor Area Lighting
A full range of CCT offerings: 3000–5000K with 80CRI minimum
– Troffers
Complete integrated solution guarantees simplified supply chain and
faster time to market
Super CEM3 PCB rigid substrate for mechanical robustness and efficient
heat dissipation
Two electrical connector options with snap-together or pushbutton
terminal blocks
Zhaga certified mechanical design for easy mounting and assembly
UL-recognized component [E335118]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn