Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

L202-4080033C30000 Datasheet(PDF) 9 Page - Lumileds Lighting Company

Part No. L202-4080033C30000
Description  Turnkey solution on a rigid substrate enabling high-efficacy designs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L202-4080033C30000 Datasheet(HTML) 9 Page - Lumileds Lighting Company

Back Button L202-4080033C30000 Datasheet HTML 5Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 6Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 7Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 8Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 9Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 10Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 11Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 12Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 13Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS145 LUXEON XR-3535L Product Datasheet 20151022 ©2015 Lumileds Holding B.V. All rights reserved.
8
Figure 7: Mechanical dimensions for Molex (snap-together) connectors for L202 – xxxx033C30000 .
Top View
Side View
Notes for Figure 7:
1. Drawings are not to scale.
2. All dimensions are in millimeters.
3. Mates with: Molex 503469-xxxx OR 503473-xxxx.
Figure 8: Electrical circuit diagram for L202 - xxxx033C30000 .
Notes for Figure 8:
1. Drawings are not to scale.
2. All dimensions are in millimeters.
Table 5 . Bill of materials for L202 – xxxx033C3000 .
numBER
comPonEnt dEscRIPtIon
QuantIty
1
LED: LUXEON 3535L
33
2
Connector: Molex 503471-0290
2
3
Fuse: 125V max, 630mA
1
4
Capacitor: 100nF, X7R, 0603, 50V
13


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn