Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

L202-4080033C30000 Datasheet(PDF) 7 Page - Lumileds Lighting Company

Part No. L202-4080033C30000
Description  Turnkey solution on a rigid substrate enabling high-efficacy designs
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LUMILEDS [Lumileds Lighting Company]
Homepage  http://www.luxeon.com
Logo 

L202-4080033C30000 Datasheet(HTML) 7 Page - Lumileds Lighting Company

Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DS145 LUXEON XR-3535L Product Datasheet 20151022 ©2015 Lumileds Holding B.V. All rights reserved.
6
Color Bin Definition
Table 4. 3-step MacAdam ellipse color bin definitions for LUXEON XR-3535L.
nomInal cct
coloR sPacE
cEntER PoInt
(cx, cy)
maJoR aXIs,
a
mInoR aXIs,
b
EllIPsE RotatIon
Angle, Θ
3000K
Single 3-step MacAdam ellipse
(0.4338, 0.4030)
0.00834
0.00408
53.2°
3500K
Single 3-step MacAdam ellipse
(0.4073, 0.3917)
0.00927
0.00414
54.0°
4000K
Single 3-step MacAdam ellipse
(0.3818, 0.3797)
0.00939
0.00402
53.7°
5000K
Single 3-step MacAdam ellipse
(0.3447, 0.3553)
0.00822
0.00354
59.6°
Notes for Table 4:
1. Lumileds maintains a tolerance of ± 0.01 on x and y color coordinates in the CIE 1931 color space.
Figure 3: 3-step MacAdam ellipse illustration for Table 4 .


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn