Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

L202-4080033C30000 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part No. L202-4080033C30000
Description  Turnkey solution on a rigid substrate enabling high-efficacy designs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L202-4080033C30000 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  L202-4080033C30000 Datasheet HTML 1Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 2Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 3Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 4Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 5Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 6Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 7Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 8Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DS145 LUXEON XR-3535L Product Datasheet 20151022 ©2015 Lumileds Holding B.V. All rights reserved.
4
Absolute Maximum Ratings
Table 3 . Absolute maximum ratings for LUXEON XR-3535L .
PaRamEtER
maXImum PERFoRmancE
l202 – xxxx033c30000
l202 – xxxx033c30001
DC Forward Current [1]
425mA
600mA
Peak Pulsed Forward Current [2]
545mA
720mA
LED Junction Temperature [3] (DC & Pulse)
125°C
ESD Sensitivity [4]
IEC 61000-4-2 Level 4 (8/15 kV contact/air discharge)
Operating Case Temperature [5]
–40°C to 85°C
Storage Temperature
<30°C, <80%RH, ≤1 year
CEM3 Substrate [6]
130°C
Reverse Voltage (V
reverse)
[7, 8]
–5V x Number of series LEDs
UL Recognition [9]
UL recognized for Class 2 drivers.
Substrate and white reflective coating UL94 V0 flammability rated
Notes for Table 3:
1. Ripple current with a frequency of 50-150Hz is allowed, as long as the average of the current waveform is below 200mA/LED, and the maximum of the current waveform is lower than
240mA/LED.
2. At 10% duty cycle and pulse width 10ms.
3. Proper current de-rating must be observed to maintain junction temperature below the maximum.
4. It is recommended that the LUXEON XR-3535L always be handled/assembled in an ESD safe environment. Handle board around edges and avoid touching the LEDs or exposed
metals directly.
5. TC thermal contact point on top of PCB.
6. As per UL746 rating.
7. LUXEON 3535L LEDs are not designed to be driven in reverse bias
8. At maximum reverse current of 10μA/LED.
9. UL Efile number: E335118.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn