Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L202-4080033C30000 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # L202-4080033C30000
Description  Turnkey solution on a rigid substrate enabling high-efficacy designs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L202-4080033C30000 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  L202-4080033C30000 Datasheet HTML 1Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 2Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 3Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 4Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 5Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 6Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 7Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 8Page - Lumileds Lighting Company L202-4080033C30000 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS145 LUXEON XR-3535L Product Datasheet 20151022 ©2015 Lumileds Holding B.V. All rights reserved.
2
General Product Information
Product Test Conditions
LUXEON 3535L LEDs are tested and binned at 100mA and T
j=25ºC.
The nominal current for LUXEON XR-3535L is 100mA x the number of parallel LED strings. A LUXEON XR-3535L configuration with
3 parallel strings has a nominal drive current of 300mA.
The LEDs on LUXEON XR-3535L are tested and specified individually at a junction temperature of 25°C with a drive current of
100mA and pulse duration of 20ms. The minimum, typical, and maximum performance numbers for LUXEON XR-3535L in this
datasheet are derived from the individual LED measurements. The confidence level on all minimum and maximum performance
parameters in this datasheet is 99% to within individual LED tolerance.
Part Number Nomenclature
Part numbers for LUXEON XR-3535L follow the convention below:
L 2 0 2 –
A A B B 0 3 3 C 3 0 0 0 D
Where:
AA
-
designates nominal ANSI CCT (27=2700K, 30=3000K, etc…)
BB
-
designates minimum CRI (80=80CRI)
D
-
designates connector brand/type (0=Molex, snap-together and 1=WAGO, pushbutton)
Therefore, a LUXEON XR-3535L 3000K 80CRI with a WAGO connector will have the following part number:
L 2 0 2 –
3 0 8 0 0 3 3 C 3 0 0 0 1
Lumen Maintenance
Please contact your local Sales Representative or Lumileds Technical Solutions Manager for more information about the long-
term performance of this product.
Environmental Compliance
Lumileds is committed to providing environmentally friendly products to the solid-state lighting market. LUXEON LEDs are
compliant to the European Union directives on the restriction of hazardous substances in electronics equipment, namely the
RoHS directive. Lumileds will not intentionally add the following restricted materials to its products: lead, mercury, cadmium,
hexavalent chromium, polybrominated biphyenyls (PBB) or polybrominated diphenyl ethers (PBDE).


Similar Part No. - L202-4080033C30000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L202-4080033C3000X LUMILEDS-L202-4080033C3000X Datasheet
1Mb / 2P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
L202-4080033C3000x LUMILEDS-L202-4080033C3000x Datasheet
2Mb / 14P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
More results

Similar Description - L202-4080033C30000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS145 LUMILEDS-DS145 Datasheet
2Mb / 14P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
PB145 LUMILEDS-PB145 Datasheet
1Mb / 2P
   Turnkey solution on a rigid substrate enabling high-efficacy designs
PB159 LUMILEDS-PB159 Datasheet
1Mb / 2P
   Linear LED module on an ultra-slim and rigid substrate enabling high efficacy designs
L218-4080048C00000 LUMILEDS-L218-4080048C00000 Datasheet
1Mb / 10P
   Linear LED module on an ultra-slim and rigid substrate enabling high efficacy designs
DS159 LUMILEDS-DS159 Datasheet
1Mb / 10P
   Linear LED module on an ultra-slim and rigid substrate enabling high efficacy designs
L235-3580AHLGBBAC0 LUMILEDS-L235-3580AHLGBBAC0 Datasheet
2Mb / 18P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
L235-4080AHLCBAAC0 LUMILEDS-L235-4080AHLCBAAC0 Datasheet
2Mb / 18P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
DS142 LUMILEDS-DS142 Datasheet
2Mb / 18P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
PB142 LUMILEDS-PB142 Datasheet
1Mb / 2P
   Turnkey solution on a flexible substrate with optimized performance and uniform light distribution
logo
Zilog, Inc.
ZLFBLST0H2064GRXXXX ZILOG-ZLFBLST0H2064GRXXXX Datasheet
2Mb / 8P
   Your Complete Turnkey Infrared System-on-Chip Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com