Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2M0-4070004MC2200 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # L2M0-4070004MC2200
Description  Bright, uniform light source in practical, convenient and easy to configure modules
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L2M0-4070004MC2200 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  L2M0-4070004MC2200 Datasheet HTML 1Page - Lumileds Lighting Company L2M0-4070004MC2200 Datasheet HTML 2Page - Lumileds Lighting Company L2M0-4070004MC2200 Datasheet HTML 3Page - Lumileds Lighting Company L2M0-4070004MC2200 Datasheet HTML 4Page - Lumileds Lighting Company L2M0-4070004MC2200 Datasheet HTML 5Page - Lumileds Lighting Company L2M0-4070004MC2200 Datasheet HTML 6Page - Lumileds Lighting Company L2M0-4070004MC2200 Datasheet HTML 7Page - Lumileds Lighting Company L2M0-4070004MC2200 Datasheet HTML 8Page - Lumileds Lighting Company L2M0-4070004MC2200 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS158 LUXEON XR-M Product Datasheet 20160106 ©2016 Lumileds Holding B.V. All rights reserved.
3
Performance Characteristics
Product Selection Guide
Table 1 . Product performance of LUXEON XR-M at 700mA, T
c=85°C .
conFIGuRatIon
nomInal
cct
mInImum
cRI [1]
lumInous FluX [2] (lm)
tyPIcal lumInous
EFFIcacy (lm/W)
PaRt numBER
mInImum
tyPIcal
Square
4000K
70
4053
4211
138
L2M0-4070004MC2200
5000K
70
4200
4363
144
L2M0-5070004MC2200
5700K
70
4156
4318
142
L2M0-5770004MC2200
Linear
4000K
70
3040
3158
138
L2M0-4070003MC3300
5000K
70
3150
3272
144
L2M0-5070003MC3300
5700K
70
3117
3239
142
L2M0-5770003MC3300
4000K
70
4053
4211
138
L2M0-4070004MC3300
5000K
70
4200
4363
144
L2M0-5070004MC3300
5700K
70
4156
4318
142
L2M0-5770004MC3300
4000K
70
5067
5264
138
L2M0-4070005MC3300
5000K
70
5249
5454
144
L2M0-5070005MC3300
5700K
70
5195
5397
142
L2M0-5770005MC3300
Notes for Table 1:
1. Lumileds maintains a tolerance of ±2 on CRI measurements.
2. Lumileds maintains a tolerance of ±7.5% on luminous flux measurements.
Electrical and Thermal Characteristics
Table 2 . Electrical and thermal characteristics for LUXEON XR-M at 700mA, T
c=85°C .
PaRt numBER
FoRWaRd VoltaGE (V) [1]
tyPIcal thERmal
REsIstancE — JunctIon
to hEat sInk (k/W) R
th J-hs
mInImum
tyPIcal
maXImum
L2M0-xxxx003MC3300
32.60
32.85
33.10
1.60
L2M0-xxxx004MCzz00
43.55
43.80
44.05
1.20
L2M0-xxxx005MC3300
54.50
54.75
55.00
0.96
Notes for Table 2:
1. Lumileds maintains a tolerance of ±0.1V on forward voltage measurements.


Similar Part No. - L2M0-4070004MC2200

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2M0-4070004MC2200 LUMILEDS-L2M0-4070004MC2200 Datasheet
1Mb / 2P
   Bright, uniform light source in practical, convenient and easy to configure modules
L2M0-4070004MC2200 LUMILEDS-L2M0-4070004MC2200 Datasheet
1Mb / 14P
   Bright, uniform light source in practical, convenient and easy to configure modules
More results

Similar Description - L2M0-4070004MC2200

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
PB158 LUMILEDS-PB158 Datasheet
1Mb / 2P
   Bright, uniform light source in practical, convenient and easy to configure modules
DS158 LUMILEDS-DS158 Datasheet
1Mb / 14P
   Bright, uniform light source in practical, convenient and easy to configure modules
logo
Maxim Integrated Produc...
MAX1403EVSYSTEM MAXIM-MAX1403EVSYSTEM Datasheet
1Mb / 20P
   Easy to Configure
Rev 0; 5/99
logo
rfsolutions.ltd
DS-C2O-3 RFSOLUTIONS-DS-C2O-3 Datasheet
2Mb / 8P
   Easy to Configure using SMS commands.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2785-EF000 AVAGO-HLMP-2785-EF000 Datasheet
346Kb / 16P
   Large bright, uniform light emitting areas
logo
Lite-On Technology Corp...
LTL-53173Y LITEON-LTL-53173Y Datasheet
151Kb / 5P
   LARGE, BRIGHT, UNIFORM LIGHT EMITTING AREAS
logo
Lumileds Lighting Compa...
L2C5-22801202E0600 LUMILEDS-L2C5-22801202E0600 Datasheet
2Mb / 28P
   Uniform, high efficacy and easy to design array
20200726
DS155 LUMILEDS-DS155 Datasheet
3Mb / 28P
   Uniform, high-efficacy and easy-to-design array
LHC1-2780-1203 LUMILEDS-LHC1-2780-1203 Datasheet
2Mb / 13P
   Uniform, High Efficacy and Easy-to-Design Array
PB162 LUMILEDS-PB162 Datasheet
1Mb / 10P
   Uniform, high efficacy and easy to design array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com