Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTCEL13R251NBE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # PTCEL13R251NBE
Description  PTC Thermistors, Inrush current limiter and Energy Load-Dump
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PTCEL13R251NBE Datasheet(HTML) 2 Page - Vishay Siliconix

  PTCEL13R251NBE Datasheet HTML 1Page - Vishay Siliconix PTCEL13R251NBE Datasheet HTML 2Page - Vishay Siliconix PTCEL13R251NBE Datasheet HTML 3Page - Vishay Siliconix PTCEL13R251NBE Datasheet HTML 4Page - Vishay Siliconix PTCEL13R251NBE Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PTCEL
www.vishay.com
Vishay BCcomponents
Revision: 31-May-16
2
Document Number: 29165
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OUTLINE AND DIMENSIONS in millimeters
REQUIRED NUMBER OF PTC THERMISTORS TO LIMIT CURRENT AND ABSORB ENERGY
By using several PTC’s in a series / parallel network, the maximum current limitation and absorbed energy levels can be further
optimized. For homogeneous current and energy distribution it is recommended to combine only PTCEL of the same size and
matched resistance value. Energy absorption per PTC in a network depends on current distribution in the network and as such
on the individual PTC resistance value. PTCEL thermistors might be used in a series connection to further lower the inrush
current, but not to increase the maximum allowed voltage levels. Following formula may be used to calculate the minimum
number of PTCEL thermistors required in a DC link or other capacitor bank application to properly charge or discharge a given
amount of energy without follow current:
N
Notes
• N is the number of PTCEL required in the network.
• C is the total capacitor value to charge or discharge in F.
• V is the maximum DC voltage on the capacitor C.
•Cth is the thermal capacity of one PTC in [J/K] (see table).
•Tsw is the minimum switching temperature of the PTCEL (130 °C).
•Tamb is the maximum ambient temperature at which the PTC needs to operate.
H2
H3
L1
d
F
DT
COMPONENT DIMENSIONS in millimeters
PTCEL13
PTCEL17
D
13 max.
17 max.
H1
17 max.
21 max.
H2
3 ± 1
3 ± 1
d
0.6 ± 0.06
0.8 ± 0.08
L1
20 min.
20 min.
F
5 ± 0.8
5 ± 0.8
T
7.0 max.
7.5 max.
C x V
2
2
x C
th x
T
sw - Tamb

---------------------------------------------------------------


Similar Part No. - PTCEL13R251NBE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCEL13R251NBE VISHAY-PTCEL13R251NBE Datasheet
112Kb / 4P
   PTC Thermistors, Inrush Current Limiter and Energy Load-Dump
Revision: 17-Oct-2019
More results

Similar Description - PTCEL13R251NBE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCEL VISHAY-PTCEL_V01 Datasheet
112Kb / 4P
   PTC Thermistors, Inrush Current Limiter and Energy Load-Dump
Revision: 17-Oct-2019
logo
EPCOS
B5975X EPCOS-B5975X Datasheet
245Kb / 10P
   PTC thermistors as inrush current limiters
B5910 EPCOS-B5910 Datasheet
237Kb / 10P
   PTC thermistors as inrush current limiters
B59412C1130B070 EPCOS-B59412C1130B070 Datasheet
284Kb / 11P
   PTC thermistors as inrush current limiters
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
   AC INRUSH CURRENT LIMITER
logo
Freescale Semiconductor...
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
   NTC Inrush Current Limiter
10/2022
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
   AC inrush current limiter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com