Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB045120WE501BH1 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DB045120WE501BH1
Description  RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DB045120WE501BH1 Datasheet(HTML) 5 Page - Vishay Siliconix

  DB045120WE501BH1 Datasheet HTML 1Page - Vishay Siliconix DB045120WE501BH1 Datasheet HTML 2Page - Vishay Siliconix DB045120WE501BH1 Datasheet HTML 3Page - Vishay Siliconix DB045120WE501BH1 Datasheet HTML 4Page - Vishay Siliconix DB045120WE501BH1 Datasheet HTML 5Page - Vishay Siliconix DB045120WE501BH1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DB 045120, DB 045155
www.vishay.com
Vishay Draloric
Revision: 14-Sep-15
5
Document Number: 22106
For technical questions, contact: powcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DB045155WJ102##BJ1
DB045155WJ272##BK1
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22071
DERATING DIAGRAMS
0.1
1
10
100
0.1
1
10
100
0.001
0.01
0.1
1
10
Frequency (MHz)
1.78 MHz
0.09 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)
0.1
1
10
100
0.1
1
10
100
0.001
0.01
0.1
1
10
Frequency (MHz)
0.66 MHz
0.03 MHz
U
g
Q
g
I
g
I
g (ARMS)
Q
g (kvar)
U
g (kVp)


Similar Part No. - DB045120WE501BH1

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DB04D0303A DELTA-DB04D0303A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DB04D0303A DELTA-DB04D0303A Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DB04D0503A DELTA-DB04D0503A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DB04D0503A DELTA-DB04D0503A Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DB04D1203A DELTA-DB04D1203A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

Similar Description - DB045120WE501BH1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DB016030 VISHAY-DB016030 Datasheet
101Kb / 5P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Revision: 14-Sep-15
DB030088 VISHAY-DB030088 Datasheet
108Kb / 6P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Revision: 14-Sep-15
DB050110 VISHAY-DB050110 Datasheet
99Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1 Ceramic
Revision: 26-Feb-16
DBF050166HQ VISHAY-DBF050166HQ Datasheet
83Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
DB055135HQ VISHAY-DB055135HQ Datasheet
93Kb / 4P
   RF Power Feed-Through Capacitors with Conductor Rod, Class 1, R16 HQ Ceramic Dielectric
Revision: 02-Sep-15
DS055100 VISHAY-DS055100 Datasheet
86Kb / 3P
   RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
Revision: 03-Sep-15
DS030070 VISHAY-DS030070_15 Datasheet
102Kb / 4P
   RF Power Feed-Through Capacitors with Band Conductor, Class 1 Ceramic
Revision: 03-Sep-15
DBF050166 VISHAY-DBF050166 Datasheet
140Kb / 3P
   Feed-Through Capacitors with Conductor Rod
Revision: 24-Jan-02
DBZ34 VISHAY-DBZ34 Datasheet
72Kb / 2P
   Feed-Through Capacitors with Conductor Rod
Revision: 07-Feb-06
DWB045120 VISHAY-DWB045120 Datasheet
175Kb / 3P
   Feed-Through Capacitors with Conductor Rod
Revision: 25-Feb-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com