Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z02W3.9V Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # Z02W3.9V
Description  ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

Z02W3.9V Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  Z02W3.9V Datasheet HTML 1Page - KEC(Korea Electronics) Z02W3.9V Datasheet HTML 2Page - KEC(Korea Electronics) Z02W3.9V Datasheet HTML 3Page - KEC(Korea Electronics) Z02W3.9V Datasheet HTML 4Page - KEC(Korea Electronics) Z02W3.9V Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2001. 7. 9
1/5
SEMICONDUCTOR
TECHNICAL DATA
Z02W2.0V~24V
Revision No : 4
CONSTANT VOLTAGE REGULATION APPLICATION.
REFERENCE VOLTAGE APPLICATION.
FEATURES
Small Package : SOT-23
Normal Voltage Tolerance About
2.5%.
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
1. NC
2. ANODE
3. CATHODE
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 - 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P
7
2
1
3
+_
ZENER DIODE
SILICON EPITAXIAL PLANAR DIODE
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power Dissipation
PD
200
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
Example 1) 2.0V ~ 3.9V
Example : Z02W4.3V
Example 2) 4.3V ~ 9.1V
Example 3) 10V ~ 24V
Example : Z02W10V
TYPE NAME : Z02W2.0V
2A
Z02W2.2V
2B
Z02W2.4V
2C
Z02W2.7V
2D
Z02W3.0V
30
Z02W3.3V
33
Z02W3.6V
36
Z02W3.9V
39
Grade
Type Name
Lot No.
4.3
Grade
Type Name
Lot No.
10
Grade
Type Name
Lot No.
Marking


Similar Part No. - Z02W3.9V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
Z02W30V KEC-Z02W30V Datasheet
236Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE (CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
Z02W33V KEC-Z02W33V Datasheet
236Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE (CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
Z02W36V KEC-Z02W36V Datasheet
236Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE (CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
Z02W39V KEC-Z02W39V Datasheet
236Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE (CONSTANT VOLTAGE REGULATION, REFERENCE VOLTAGE)
More results

Similar Description - Z02W3.9V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDZ6.8CE KEC-KDZ6.8CE Datasheet
438Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8DE KEC-KDZ6.8DE Datasheet
363Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ20V KEC-KDZ20V Datasheet
95Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
Z02W100V KEC-Z02W100V Datasheet
438Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ3.3EV KEC-KDZ3.3EV Datasheet
557Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ5.6CF KEC-KDZ5.6CF Datasheet
360Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ5.6CE KEC-KDZ5.6CE Datasheet
360Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ2.0VV KEC-KDZ2.0VV Datasheet
77Kb / 4P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ6.8CF KEC-KDZ6.8CF Datasheet
363Kb / 2P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
KDZ2.4V KEC-KDZ2.4V Datasheet
105Kb / 3P
   ZENER DIODE SILICON EPITAXIAL PLANAR DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com