Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4D263238G-GC2A Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4D263238G-GC2A
Description  128Mbit GDDR SDRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4D263238G-GC2A Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4D263238G-GC2A Datasheet HTML 7Page - Samsung semiconductor K4D263238G-GC2A Datasheet HTML 8Page - Samsung semiconductor K4D263238G-GC2A Datasheet HTML 9Page - Samsung semiconductor K4D263238G-GC2A Datasheet HTML 10Page - Samsung semiconductor K4D263238G-GC2A Datasheet HTML 11Page - Samsung semiconductor K4D263238G-GC2A Datasheet HTML 12Page - Samsung semiconductor K4D263238G-GC2A Datasheet HTML 13Page - Samsung semiconductor K4D263238G-GC2A Datasheet HTML 14Page - Samsung semiconductor K4D263238G-GC2A Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
128M GDDR SDRAM
K4D263238G-GC
- 11 -
Rev 1.8 (March. 2005)
IBIS : I/V Characteristics for Input and Output Buffers
Pulldown Current (mA)
Pullup Current (mA)
Voltage
(V)
60%
100%
60%
100%
0.0
-0.2
-0.36
5.04
8.12
0.1
2.12
3.04
2.64
4.28
0.2
4.32
6.24
0.24
0.52
0.3
6.44
9.32
-2.0
-3.08
0.4
8.32
12.2
-4.2
-6.52
0.5
10.0
14.8
-6.28
-9.84
0.6
11.6
17.1
-8.28
-13.0
0.7
13.0
19.0
-10.2
-16.0
0.8
14.0
20.7
-11.9
-18.8
0.9
15.0
22.0
-13.6
-21.5
1.0
15.6
23.0
-15.1
-23.9
1.1
16.1
23.7
-16.5
-26.1
1.2
16.5
24.2
-17.8
-28.1
1.3
16.8
24.6
-18.8
-29.9
1.4
17.0
25.0
-19.9
-31.5
1.5
17.0
25.1
-20.6
-32.9
1.6
17.2
25.3
-21.4
-34.1
1.7
17.3
25.4
-22.1
-35.1
1.8
17.4
25.6
-22.6
-36.0
1.9
17.4
25.6
-23.1
-36.7
2.0
17.5
25.8
-23.5
-37.4
2.1
17.6
25.8
-23.8
-37.9
2.2
17.6
25.9
-24.2
-38.4
2.3
17.7
26.0
-24.4
-38.9
2.4
17.7
26.1
-24.7
-39.3
2.5
17.8
26.1
-24.9
-39.7
2.6
17.8
26.2
-25.2
-40.1
2.7
17.8
26.2
-25.4
-40.4


Similar Part No. - K4D263238G-GC2A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D263238A SAMSUNG-K4D263238A Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238A-GC33 SAMSUNG-K4D263238A-GC33 Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238A-GC36 SAMSUNG-K4D263238A-GC36 Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238A-GC40 SAMSUNG-K4D263238A-GC40 Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
K4D263238A-GC45 SAMSUNG-K4D263238A-GC45 Datasheet
298Kb / 17P
   1M x 32Bit x 4 Banks Double Data Rate Synchronous DRAM with Bi-directional Data Strobe and DLL
More results

Similar Description - K4D263238G-GC2A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D26323QG SAMSUNG-K4D26323QG Datasheet
315Kb / 18P
   128Mbit GDDR SDRAM
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4N26323AE SAMSUNG-K4N26323AE Datasheet
826Kb / 52P
   128Mbit GDDR2 SDRAM
K4D553238F SAMSUNG-K4D553238F Datasheet
309Kb / 17P
   256Mbit GDDR SDRAM
K4D551638F-TC SAMSUNG-K4D551638F-TC Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4D553235F-GC SAMSUNG-K4D553235F-GC Datasheet
386Kb / 18P
   256M GDDR SDRAM
K4D553238F-JC SAMSUNG-K4D553238F-JC Datasheet
297Kb / 17P
   256Mbit GDDR SDRAM
K4D551638D SAMSUNG-K4D551638D Datasheet
230Kb / 18P
   256Mbit GDDR SDRAM
logo
Hynix Semiconductor
HY5DU113222FM-2 HYNIX-HY5DU113222FM-2 Datasheet
299Kb / 30P
   512M(16Mx32) GDDR SDRAM
HY5DU283222AQ HYNIX-HY5DU283222AQ Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com